Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B44066D7075M440 Datasheet(PDF) 4 Page - TDK Electronics

Part # B44066D7075M440
Description  Film Capacitors - Power Factor Correction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B44066D7075M440 Datasheet(HTML) 4 Page - TDK Electronics

  B44066D7075M440 Datasheet HTML 1Page - TDK Electronics B44066D7075M440 Datasheet HTML 2Page - TDK Electronics B44066D7075M440 Datasheet HTML 3Page - TDK Electronics B44066D7075M440 Datasheet HTML 4Page - TDK Electronics B44066D7075M440 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Film Capacitors – Power Factor Correction
B44066D7075M440
Harmonic filter reactor
B44066D***M***
Film PC PM PFC
March 2010
Please read Cautions and warnings and
Page 4 of 5
Important notes at the end of this document.
Cautions and warnings
Do not install the reactor in case of any visible damages.
Installation must be done by skilled personnel only.
Do not use or store harmonic filter reactors in corrosive atmosphere, especially where chloride
gas, sulphide gas, acid, alkali, salt or similar substances are present.
Do not touch the device during operation: all electrically active parts of this equipment such as
windings, electronic components, leads, fuses and terminals carry a dangerous voltage which can
lead to burns or electric shock.
Covers which protect these electrically active parts from being touched must not be opened or
removed during operation.
Before any assembly or maintenance work is started, all installations and equipment must be
disconnected from the power source.
Noncompliance with these instructions may lead to death, serious injury or major damage to
equipment.
In order to exclude impermissible temperatures and thus overload of the insulation system, the
following cautions must additionally be observed:
Only those protective devices specified on the type plates, such as fuses and motor protection
switches, may be used. It is mandatory to observe the set values specified for the motor protection
switches. Any temperature- sensitive protective devices such as temperature switches and
temperature sensors must be connected in accordance with the installation instructions.
High temperatures are permissible for the surfaces under rated operating conditions, and
especially in the event of overload. Depending on the temperature class and type of loading,
these may attain values of up to 260 °C and may also affect adjacent components which have
been packed too densely.
The insertion position should be selected so that any cooling ducts present within the winding are
arranged vertically and that the current of cooling air is not impeded by adjacent components,
connecting leads etc.
The maximum voltage of the insulating system specified on the type plate must not be exceeded.
Noncompliance with these instructions may lead to considerable damage to equipment or fire due
to impermissibly high temperatures.
We strongly recommend to make use of the integrated temperature switch (NC). It will open when
the maximum operation temperature for the reactor is reached. Note: This switch is a warning
device only. It will not disconnect the reactor. Overheating may lead to failure of the device and
subsequently to severe damage to the equipment and/or serious injury or death of human beings.
Note
For detailed information about PFC capacitors and cautions, refer to the latest version of EPCOS PFC
Product Profile.


Similar Part No. - B44066D7075M440

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44066D7075M440 EPCOS-B44066D7075M440 Datasheet
63Kb / 5P
   Harmonic filter reactor
More results

Similar Description - B44066D7075M440

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com