Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1523 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS1523
Description  Video Clock Synthesizer with I2C Programmable Delay
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1523 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS1523 Datasheet HTML 3Page - Integrated Circuit Systems ICS1523 Datasheet HTML 4Page - Integrated Circuit Systems ICS1523 Datasheet HTML 5Page - Integrated Circuit Systems ICS1523 Datasheet HTML 6Page - Integrated Circuit Systems ICS1523 Datasheet HTML 7Page - Integrated Circuit Systems ICS1523 Datasheet HTML 8Page - Integrated Circuit Systems ICS1523 Datasheet HTML 9Page - Integrated Circuit Systems ICS1523 Datasheet HTML 10Page - Integrated Circuit Systems ICS1523 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS 1523 Y
7
Revision 110905
Integrated Circuit Systems
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
ICS1523
4.1 Register Set Summary (continued)
Reg.
Index
Name
Access
Bit Name
Bit #
Reset
Value
Description
Notes
0x6
Output
Enables
R / W
OE_Pck
0
0
Output Enable for PECL CLK (Pins 20, 21)
0=High Z, 1=Enabled
OE_Tck
1
0
Output Enable for STTL_3 CLK (Pin 17)
0=High Z, 1=Enabled
OE_P2
2
0
Output Enable for PECL CLK/2 (Pins 22, 23)
0=High Z, 1=Enabled
OE_T2
3
0
Output Enable for STTL_3 CLK/2 (Pin 16)
0=High Z, 1=Enabled)
OE_F
4
0
Output Enable for STTL_3 FUNC Output (Pin15)
0=High Z, 1=Enabled
Ck2_Inv
5
0
CLK/2 Invert (0=Not Inverted, 1= Inverted)
Out_Scl
6-7
0
CLK Scaler (pin 17)
Bit 7, 6 = (00 = ÷ 1, 01 = ÷ 2, 10 = ÷ 4, 11 = ÷ 8)
See Section 5, “Register Set Details”
0x7
Osc_Div
R / W
Osc_Div
0-6
0-6
0
Osc Divider modulus
See Section 6, “OSC Divider and REF”
In-Sel
7
1
Input Select
0=HSYNC Input, 1=Osc Divider
0x8
Reset
Write
DPA
0-3
x
Writing xAh resets DPA and loads working 0x5
PLL
4-7
x
Writing 5xh resets PLL and loads working 0x1- 0x3
0x10
Chip Ver
Read
Chip Ver
0-7
17
Chip Version 23 Dec (17h) as in 1523
0x11
Chip Rev
Read
Chip Rev
0-7
01
Initial value 01h. Value Increments with each all-layer change.
0x12
Rd_Reg
Read
Reserved
0
N/A
Reserved
PLL_Lock
1
N/A
PLL Lock Status
0=Unlocked, 1=Locked
Reserved
2-7
0
Reserved


Similar Part No. - ICS1523

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1523 IDT-ICS1523 Datasheet
452Kb / 21P
   Video Clock Synthesizer with I2C Programmable Delay
ICS1523M IDT-ICS1523M Datasheet
452Kb / 21P
   Video Clock Synthesizer with I2C Programmable Delay
ICS1523MLF IDT-ICS1523MLF Datasheet
452Kb / 21P
   Video Clock Synthesizer with I2C Programmable Delay
ICS1523MLFT IDT-ICS1523MLFT Datasheet
452Kb / 21P
   Video Clock Synthesizer with I2C Programmable Delay
ICS1523MT IDT-ICS1523MT Datasheet
452Kb / 21P
   Video Clock Synthesizer with I2C Programmable Delay
More results

Similar Description - ICS1523

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1523 IDT-ICS1523 Datasheet
452Kb / 21P
   Video Clock Synthesizer with I2C Programmable Delay
logo
Integrated Circuit Syst...
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
   Video Clock Synthesizer
ICS1526 ICST-ICS1526 Datasheet
611Kb / 11P
   Video Clock Synthesizer
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
logo
Renesas Technology Corp
ICS680-01 RENESAS-ICS680-01 Datasheet
363Kb / 10P
   NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
REV H 051310
logo
Integrated Circuit Syst...
ICS680-01 ICST-ICS680-01 Datasheet
154Kb / 8P
   Networking Clock Synthesizer and Zero Delay Buffer
logo
PhaseLink Corporation
PLL102-108 PLL-PLL102-108 Datasheet
165Kb / 10P
   Programmable DDR Zero Delay Clock Driver
PLL102-109 PLL-PLL102-109 Datasheet
166Kb / 10P
   Programmable DDR Zero Delay Clock Driver
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com