Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  CRC Error and MPEG Frame Synchronization Indicators
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT83SND2CMP3_14 Datasheet HTML 1Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 2Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 3Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 4Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 5Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 6Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 7Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 8Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
5
AT83SND2CMP3
7524D–MP3–07/07
Signals
All the AT83SND2CMP3 signals are detailed by functionality in following tables.
Table 1. Ports Signal Description
Table 2. Clock Signal Description
Table 3. Timer 0 and Timer 1 Signal Description
Signal
Name
Type
Description
Alternate
Function
P0.7:0
I/O
Port 0
P0 is an 8-bit open-drain bidirectional I/O port. Port 0 pins that have 1s
written to them float and can be used as high impedance inputs. To
avoid any parasitic current consumption, floating P0 inputs must be
polarized to V
DD or VSS.
AD7:0
P2.7:0
I/O
Port 2
P2 is an 8-bit bidirectional I/O port with internal pull-ups.
A15:8
P3.7:0
I/O
Port 3
P3 is an 8-bit bidirectional I/O port with internal pull-ups.
RXD
TXD
INT0
INT1
T0
T1
WR
RD
P4.3:0
I/O
Port 4
P4 is an 8-bit bidirectional I/O port with internal pull-ups.
Signal
Name
Type
Description
Alternate
Function
X1
I
Input to the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to
this pin. If an external oscillator is used, its output is connected to this
pin. X1 is the clock source for internal timing.
-
X2
O
Output of the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to
this pin. If an external oscillator is used, leave X2 unconnected.
-
FILT
I
PLL Low Pass Filter input
FILT receives the RC network of the PLL low pass filter.
-
Signal
Name
Type
Description
Alternate
Function
INT0
I
Timer 0 Gate Input
INT0 serves as external run control for timer 0, when selected by
GATE0 bit in TCON register.
External Interrupt 0
INT0 input sets IE0 in the TCON register. If bit IT0 in this register is set,
bit IE0 is set by a falling edge on INT0#. If bit IT0 is cleared, bit IE0 is
set by a low level on INT0#.
P3.2


Similar Part No. - AT83SND2CMP3_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83SND2CMP3A1 ATMEL-AT83SND2CMP3A1_14 Datasheet
1Mb / 98P
   CRC Error and MPEG Frame Synchronization Indicators
More results

Similar Description - AT83SND2CMP3_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83SND2CDVX ATMEL-AT83SND2CDVX_14 Datasheet
1Mb / 98P
   CRC Error and MPEG Frame Synchronization Indicators
AT83SND2CMP3A1 ATMEL-AT83SND2CMP3A1_14 Datasheet
1Mb / 98P
   CRC Error and MPEG Frame Synchronization Indicators
logo
Sanyo Semicon Device
STK311-010 SANYO-STK311-010 Datasheet
122Kb / 7P
   RDS Demodulation Synchronization and Error Correction
STK311-020 SANYO-STK311-020 Datasheet
148Kb / 7P
   RDS Demodulator Synchronization and Error Correction?
STK311-050 SANYO-STK311-050 Datasheet
160Kb / 8P
   RDS/RBDS Demodulator Synchronization and Error Correction?
logo
Zarlink Semiconductor I...
MT8979 ZARLINK-MT8979 Datasheet
627Kb / 34P
   CEPT PCM 30/CRC-4 Frame & Interface
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
logo
Honeywell Accelerometer...
2A70 HONEYWELL-ACC-2A70 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
logo
NXP Semiconductors
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
   MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com