Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  CRC Error and MPEG Frame Synchronization Indicators
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT83SND2CMP3_14 Datasheet HTML 2Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 3Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 4Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 5Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 6Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 7Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 8Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 9Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
6
AT83SND2CMP3
7524D–MP3–07/07
Table 4. Audio Interface Signal Description
Table 5. USB Controller Signal Description
Table 6. MutiMediaCard Interface Signal Description
INT1
I
Timer 1 Gate Input
INT1 serves as external run control for timer 1, when selected by
GATE1 bit in TCON register.
External Interrupt 1
INT1 input sets IE1 in the TCON register. If bit IT1 in this register is set,
bit IE1 is set by a falling edge on INT1#. If bit IT1 is cleared, bit IE1 is
set by a low level on INT1#.
P3.3
T0
I
Timer 0 External Clock Input
When timer 0 operates as a counter, a falling edge on the T0 pin
increments the count.
P3.4
T1
I
Timer 1 External Clock Input
When timer 1 operates as a counter, a falling edge on the T1 pin
increments the count.
P3.5
Signal
Name
Type
Description
Alternate
Function
DCLK
O
DAC Data Bit Clock
-
DOUT
O
DAC Audio Data Output
-
DSEL
O
DAC Channel Select Signal
DSEL is the sample rate clock output.
-
SCLK
O
DAC System Clock
SCLK is the oversampling clock synchronized to the digital audio data
(DOUT) and the channel selection signal (DSEL).
-
Signal
Name
Type
Description
Alternate
Function
D+
I/O
USB Positive Data Upstream Port
This pin requires an external 1.5 KΩ pull-up to V
DD for full speed
operation.
-
D-
I/O
USB Negative Data Upstream Port
-
Signal
Name
Type
Description
Alternate
Function
MCLK
O
MMC Clock output
Data or command clock transfer.
-
MCMD
I/O
MMC Command line
Bidirectional command channel used for card initialization and data
transfer commands. To avoid any parasitic current consumption,
unused MCMD input must be polarized to VDD or VSS.
-
MDAT
I/O
MMC Data line
Bidirectional data channel. To avoid any parasitic current consumption,
unused MDAT input must be polarized to V
DD or VSS.
-
Signal
Name
Type
Description
Alternate
Function


Similar Part No. - AT83SND2CMP3_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83SND2CMP3A1 ATMEL-AT83SND2CMP3A1_14 Datasheet
1Mb / 98P
   CRC Error and MPEG Frame Synchronization Indicators
More results

Similar Description - AT83SND2CMP3_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83SND2CDVX ATMEL-AT83SND2CDVX_14 Datasheet
1Mb / 98P
   CRC Error and MPEG Frame Synchronization Indicators
AT83SND2CMP3A1 ATMEL-AT83SND2CMP3A1_14 Datasheet
1Mb / 98P
   CRC Error and MPEG Frame Synchronization Indicators
logo
Sanyo Semicon Device
STK311-010 SANYO-STK311-010 Datasheet
122Kb / 7P
   RDS Demodulation Synchronization and Error Correction
STK311-020 SANYO-STK311-020 Datasheet
148Kb / 7P
   RDS Demodulator Synchronization and Error Correction?
STK311-050 SANYO-STK311-050 Datasheet
160Kb / 8P
   RDS/RBDS Demodulator Synchronization and Error Correction?
logo
Zarlink Semiconductor I...
MT8979 ZARLINK-MT8979 Datasheet
627Kb / 34P
   CEPT PCM 30/CRC-4 Frame & Interface
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
logo
Honeywell Accelerometer...
2A70 HONEYWELL-ACC-2A70 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
logo
NXP Semiconductors
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
   MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com