Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29F040AP-70E Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY29F040AP-70E
Description  512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F040AP-70E Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY29F040AP-70E Datasheet HTML 7Page - Hynix Semiconductor HY29F040AP-70E Datasheet HTML 8Page - Hynix Semiconductor HY29F040AP-70E Datasheet HTML 9Page - Hynix Semiconductor HY29F040AP-70E Datasheet HTML 10Page - Hynix Semiconductor HY29F040AP-70E Datasheet HTML 11Page - Hynix Semiconductor HY29F040AP-70E Datasheet HTML 12Page - Hynix Semiconductor HY29F040AP-70E Datasheet HTML 13Page - Hynix Semiconductor HY29F040AP-70E Datasheet HTML 14Page - Hynix Semiconductor HY29F040AP-70E Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
HY29F040A
DQ7
/Data Polling
The HY29F040A device features /Data Polling as
a method to indicate to the host the status of the
Byte Programming, Chip Erase, and Sector Erase
operations. When the Byte Programming opera-
tion is in progress, an attempt to read the device
will produce the compliment of the data last writ-
ten to DQ7. Upon completion of the Byte Program-
ming operation, an attempt to read the device will
produce the true data last written to DQ7. When
the Chip Erase or Sector Erase operation is in
progress, an attempt to read the device will produce
a logical “0” at the DQ7 output. Upon completion of
the Chip Erase or Sector Erase operation, an at-
tempt to read the device will produce a logical ”1" at
the DQ7 output. The flowchart for /Data Polling (DQ7)
is shown in Figure 3.
For Chip Erase, the /Data Polling is valid after the
rising edge of the sixth /WE pulse in the six write
pulse sequence. For Sector Erase, the /Data Poll-
ing is valid after the last rising edge of the sector
erase /WE pulse. For both Chip Erase and Sec-
tor Erase, /Data Polling must be performed at sec-
tor address within any of the sectors being erased
and not a protected sector. Otherwise, the /Data
Polling status may not be valid. Once the Internal
Algorithm operation is close to being completed,
the HY29F040A data pins (DQ7) may change asyn-
chronously while the output enable (/OE) is as-
serted low. This means that the device is driving sta-
tus information on DQ7 at one instant of time and
valid data at the next instant of time. Depending on
when the system samples the DQ7 output, it may
read the status or valid data. Even if the device has
completed the Internal Algorithm operation and DQ7
has a valid data, data outputs on DQ0-DQ6 may be
still invalid. Valid data on DQ0-DQ7 will be read on
successive read attempts.
The Data Polling feature is only active during the
Byte Programming operation, Chip Erase
operation, Sector Erase Operation, or sector
erase time-out window (see Table 5).
DQ6
Toggle Bit
The HY29F040A also features the “Toggle Bit”
as a method to indicate to the host system the
status of the Internal Programming and Erase
Algorithms. The flowchart for Toggle Bit (DQ6) is
shown in Figure 4.
During an Internal Programming or Erase Algorithm
cycle, successive attempts to read (/OE toggling)
data from the device will result in DQ6 toggling
between one and zero. Once the Internal Pro-
gramming or Erase operation is completed, DQ6
will stop toggling and valid data will be read on the
WRITE OPERATION STATUS
Notes:
1. DQ0, DQ1, DQ2, DQ4 are reserve pins for future use.
Table 5. Write Operation Status Flags
(1)
Status
DQ7
DQ6
DQ5
DQ3
Byte Programming Operation
/DQ7
Toggle
0
0
In Progress
Chip or Sector Erase Operation
0
Toggle
0
1
Erase Suspend
Erase Suspended Sector
1
No Toggle
0
N/A
Mode
Non-Erase Suspended Sector
Data
Data
Data
Data
Exceeded
Byte Programming Operation
/DQ7
Toggle
1
0
Time Limits
Chip or Sector Erase Operation
0
Toggle
1
1
Program in Erase Suspend Mode
/DQ7
Toggle
1
1


Similar Part No. - HY29F040AP-70E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-45 HYNIX-HY29F002TC-45 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-55 HYNIX-HY29F002TC-55 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-70 HYNIX-HY29F002TC-70 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-90 HYNIX-HY29F002TC-90 Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F040AP-70E

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Alliance Semiconductor ...
AS29CF040-55CCIN ALSC-AS29CF040-55CCIN Datasheet
713Kb / 27P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
logo
Advanced Micro Devices
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
   16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com