Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-7780W-1590G_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-7780W-1590G_2015
Description  1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-7780W-1590G_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-7780W-1590G_2015 Datasheet HTML 1Page - Optoway Technology Inc SPB-7780W-1590G_2015 Datasheet HTML 2Page - Optoway Technology Inc SPB-7780W-1590G_2015 Datasheet HTML 3Page - Optoway Technology Inc SPB-7780W-1590G_2015 Datasheet HTML 4Page - Optoway Technology Inc SPB-7780W-1590G_2015 Datasheet HTML 5Page - Optoway Technology Inc SPB-7780W-1590G_2015 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-7780W-1590G
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
1
SPB-7780W-1590G / SPB-7780BW-1590G / SPB-7780AW-1590G
(SC)
(RoHS Compliant)
SPB-7780LW-1590G / SPB-7780BLW-1590G / SPB-7780ALW-1590G
LC)
1590 nm TX / 1510 nm RX , 3.3V / 1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Compliant with IEEE 802.3ah-2004 1000BASE-BX
l Simplex SC Connector: SPB-7780W-1590G
l Simplex LC Connector: SPB-7780LW-1590G
l SFF-8472 Digital Diagnostic Function
l 1590 nm DFB LD Transmitter
l 1510 nm Receiver
l Distance Up to 80 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: SPB-7780W-1590G
l -10 to 85oC Operating: SPB-7780BW-1590G
l -40 to 85oC Operating: SPB-7780AW-1590G
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM Gigabit Ethernet Links
l SONET/SDH Equipment Interconnect
l Fibre Channel Links
DESCRIPTION
The SPB-7780W-1590G series is small form factor
pluggable module for Gigabit Ethernet 1000BASE-BX and
Fibre Channel single fiber communications by using 1590
nm transmitter and 1510 nm receiver. It is with the SFP
20-pin connector to allow hot plug capability. Digital
diagnostic functions are available via an I
2C.
The
transmitter section uses a multiple quantum well 1590 nm
DFB laser and is a class 1 laser compliant according to
International Safety Standard IEC 60825. The receiver
section uses an integrated 1510 nm detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX
Power
(dBm)
RX
Sens.
(dBm)
RoHS
Compliant
SPB-7780W-1590G
1.25
80
1590 DFB
1510
SC SFP with DMI
0 to 70
3 to -2
-26
Yes
SPB-7780BW-1590G
1.25
80
1590 DFB
1510
SC SFP with DMI -10 to 85
3 to -2
-26
Yes
SPB-7780AW-1590G
1.25
80
1590 DFB
1510
SC SFP with DMI -40 to 85
3 to -2
-26
Yes
SPB-7780LW-1590G
1.25
80
1590 DFB
1510
LC SFP with DMI
0 to 70
3 to -2
-26
Yes
SPB-7780BLW-1590G
1.25
80
1590 DFB
1510
LC SFP with DMI -10 to 85
3 to -2
-26
Yes
SPB-7780ALW-1590G
1.25
80
1590 DFB
1510
LC SFP with DMI -40 to 85
3 to -2
-26
Yes


Similar Part No. - SPB-7780W-1590G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-7780W-1590G OPTOWAY-SPB-7780W-1590G_08 Datasheet
178Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-7780W-1590G OPTOWAY-SPB-7780W-1590G_15 Datasheet
178Kb / 6P
   1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
More results

Similar Description - SPB-7780W-1590G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-7960WG_2015 OPTOWAY-SPB-7960WG_2015 Datasheet
178Kb / 6P
   1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-7860WG_2015 OPTOWAY-SPB-7860WG_2015 Datasheet
178Kb / 6P
   1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-7640WG_2015 OPTOWAY-SPB-7640WG_2015 Datasheet
178Kb / 6P
   1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-7780W-1510G OPTOWAY-SPB-7780W-1510G_15 Datasheet
178Kb / 6P
   1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-7840WG OPTOWAY-SPB-7840WG_15 Datasheet
178Kb / 6P
   1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-7920WG OPTOWAY-SPB-7920WG_15 Datasheet
178Kb / 6P
   1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-7920WG_2015 OPTOWAY-SPB-7920WG_2015 Datasheet
178Kb / 6P
   1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-7940WG_2015 OPTOWAY-SPB-7940WG_2015 Datasheet
178Kb / 6P
   1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-7610WG_2015 OPTOWAY-SPB-7610WG_2015 Datasheet
178Kb / 6P
   1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-7760WG OPTOWAY-SPB-7760WG_15 Datasheet
178Kb / 6P
   1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com