Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB646 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT90USB646
Description  USB boot loader programmed by default in the factory
Download  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT90USB646_14 Datasheet HTML 1Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 2Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 3Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 4Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 5Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 6Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 7Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 8Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 456 page
background image
3
7593L–AVR–09/12
AT90USB64/128
1.
Pin configurations
Figure 1-1.
Pinout Atmel AT90USB64/128-TQFP.
AT90USB90128/64
TQFP64
(INT.7/AIN.1/UVcon) PE7
UVcc
D-
D+
UGnd
UCap
VBus
(IUID) PE3
(SS/PCINT0) PB0
(INT.6/AIN.0) PE6
(PCINT1/SCLK) PB1
(PDI/PCINT2/MOSI) PB2
(PDO/PCINT3/MISO) PB3
(PCINT4/OC.2A) PB4
(PCINT5/OC.1A) PB5
(PCINT6/OC.1B) PB6
PA3 (AD3)
PA4 (AD4)
PA5 (AD5)
PA6 (AD6)
PA7 (AD7)
PE2 (ALE/HWB)
PC7 (A15/IC.3/CLKO)
PC6 (A14/OC.3A)
PC5 (A13/OC.3B)
PC4 (A12/OC.3C)
PC3 (A11/T.3)
PC2 (A10)
PC1 (A9)
PC0 (A8)
PE1 (RD)
PE0 (WR)
INDEX CORNER
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33


Similar Part No. - AT90USB646_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB646-16MU ATMEL-AT90USB646-16MU Datasheet
3Mb / 434P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646-16MU ATMEL-AT90USB646-16MU Datasheet
1Mb / 30P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646-16MU ATMEL-AT90USB646-16MU Datasheet
4Mb / 459P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
More results

Similar Description - AT90USB646_14

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOPL81 EUROQUARTZ-XOPL81 Datasheet
59Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOP90 EUROQUARTZ-XOP90 Datasheet
82Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL91 EUROQUARTZ-XOPL91 Datasheet
78Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL53 EUROQUARTZ-XOPL53 Datasheet
74Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
logo
ATMEL Corporation
AT24CS04 ATMEL-AT24CS04_14 Datasheet
881Kb / 24P
   Factory Programmed 128-bit Serial Number
AT24CS08 ATMEL-AT24CS08_14 Datasheet
881Kb / 24P
   Factory Programmed 128-bit Serial Number
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
   Factory Programmed 128-bit Serial Number
AT24CS01 ATMEL-AT24CS01_14 Datasheet
839Kb / 23P
   Factory Programmed 128-bit Serial Number
AT24CS02 ATMEL-AT24CS02_14 Datasheet
839Kb / 23P
   Factory Programmed 128-bit Serial Number
logo
Zilog, Inc.
EZ80F917050SBCG ZILOG-EZ80F917050SBCG Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com