Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB646 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT90USB646
Description  USB boot loader programmed by default in the factory
Download  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT90USB646_14 Datasheet HTML 2Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 3Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 4Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 5Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 6Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 7Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 8Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 9Page - ATMEL Corporation AT90USB646_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 456 page
background image
6
7593L–AVR–09/12
AT90USB64/128
2.1
Block diagram
Figure 2-1.
Block diagram.
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
PROGRAM
COUNTER
ST ACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTERS
INSTRUCTION
DECODER
DATA DIR.
REG. PORTB
DATA DIR.
REG. PORTE
DATA DIR.
REG. PORT A
DATA DIR.
REG. PORTD
DATA REGISTER
PORTB
DATA REGISTER
PORTE
DATA REGISTER
PORT A
DAT A REGISTER
PORTD
INTERRUPT
UNIT
EEPROM
SPI
USART1
ST ATUS
REGISTER
Z
Y
X
ALU
POR TB DRIVERS
POR TE DRIVERS
POR TA DRIVERS
POR TF DRIVERS
POR TD DRIVERS
POR TC DRIVERS
PB7 - PB0
PE7 - PE0
PA7 - P A0
PF7 - PF0
VCC
AGND
GND
AREF
CONTROL
LINES
PC7 - PC0
INTERNAL
OSCILLA TOR
WATCHDOG
TIMER
8-BIT DA TA BUS
AVCC
USB
TIMING AND
CONTROL
OSCILLA TOR
CALIB. OSC
DATA DIR.
REG. PORT C
DATA REGISTER
PORT C
ON-CHIP DEBUG
JTAG TAP
PROGRAMMING
LOGIC
BOUNDARY-
SCAN
DATA DIR.
REG. PORT F
DATA REGISTER
PORT F
ADC
POR - BOD
RESET
PD7 - PD0
TWO-WIRE SERIAL
INTERFACE
PLL


Similar Part No. - AT90USB646_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB646-16MU ATMEL-AT90USB646-16MU Datasheet
3Mb / 434P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646-16MU ATMEL-AT90USB646-16MU Datasheet
1Mb / 30P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646-16MU ATMEL-AT90USB646-16MU Datasheet
4Mb / 459P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
More results

Similar Description - AT90USB646_14

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOPL81 EUROQUARTZ-XOPL81 Datasheet
59Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOP90 EUROQUARTZ-XOP90 Datasheet
82Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL91 EUROQUARTZ-XOPL91 Datasheet
78Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL53 EUROQUARTZ-XOPL53 Datasheet
74Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
logo
ATMEL Corporation
AT24CS04 ATMEL-AT24CS04_14 Datasheet
881Kb / 24P
   Factory Programmed 128-bit Serial Number
AT24CS08 ATMEL-AT24CS08_14 Datasheet
881Kb / 24P
   Factory Programmed 128-bit Serial Number
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
   Factory Programmed 128-bit Serial Number
AT24CS01 ATMEL-AT24CS01_14 Datasheet
839Kb / 23P
   Factory Programmed 128-bit Serial Number
AT24CS02 ATMEL-AT24CS02_14 Datasheet
839Kb / 23P
   Factory Programmed 128-bit Serial Number
logo
Zilog, Inc.
EZ80F917050SBCG ZILOG-EZ80F917050SBCG Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com