Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT7911E Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT7911E
Description  3 identical bidirectional SpaceWire links allowing
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT7911E Datasheet(HTML) 1 Page - ATMEL Corporation

  AT7911E_14 Datasheet HTML 1Page - ATMEL Corporation AT7911E_14 Datasheet HTML 2Page - ATMEL Corporation AT7911E_14 Datasheet HTML 3Page - ATMEL Corporation AT7911E_14 Datasheet HTML 4Page - ATMEL Corporation AT7911E_14 Datasheet HTML 5Page - ATMEL Corporation AT7911E_14 Datasheet HTML 6Page - ATMEL Corporation AT7911E_14 Datasheet HTML 7Page - ATMEL Corporation AT7911E_14 Datasheet HTML 8Page - ATMEL Corporation AT7911E_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
• Also known as SMCS332SpW
3 identical bidirectional SpaceWire links allowing
– full duplex communication
– transmit rate from 1.25 up to 200 Mbit/s in each direction
Derived from the TSS901E-SMCS332 triple IEEE 1355 high speed controller
– Known anomalies of the TSS901E chip corrected
– Slightly different startup behavior
COmmunication Memory Interface (COMI)
– autonomous accesses to a communication memory
HOst Control Interface (HOCI)
– gives read/write accesses to the AT7911E configuration registers
– gives read/write accesses to the SpaceWire channels
Arbitration unit
– Allows two AT7911E to share one Dual Port RAM without external arbitration
Scalable databus width
– 8/16/32 bit width available
– allows flexible integration with any CPU type
Allows Little endian and Big endian configuration
Performance
– At 3.3V: 100 Mbit/s full duplex communication in each direction
– At 5V: 200 Mbit/s full duplex communication in each direction
Operating range
– Voltages
• 3V to 3.6V
• 4.5V to 5.5V
– Temperature
• - 55°C to +125°C
Maximum Power consumption
– At 3.6V with a 15MHz clock : 0.4 W
– At 5.5V with a 25 MHz clock : 1.7 W
Radiation Performance
– Total dose tested successfully up to 50 Krad (Si)
– No single event latchup below a LET of 80 MeV/mg/cm2
ESD better than 2000V
Quality Grades :
– QML-Q or V with SMD
Package : 196 pins MQFPL
Mass : 12grams
Triple
SpaceWire links
High Speed
Controller
AT7911E


Similar Part No. - AT7911E_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT7911EFA-E ATMEL-AT7911EFA-E Datasheet
311Kb / 22P
   Triple SpaceWire links High Speed Controller
More results

Similar Description - AT7911E_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT7911E ATMEL-AT7911E Datasheet
311Kb / 22P
   Triple SpaceWire links High Speed Controller
AT7913E ATMEL-AT7913E_14 Datasheet
1Mb / 26P
   SpaceWire Remote Terminal Controller
AT7910E ATMEL-AT7910E Datasheet
289Kb / 19P
   SpW-10X SpaceWire Router
AT7910E ATMEL-AT7910E_14 Datasheet
521Kb / 21P
   SpW-10X SpaceWire Router
AT7913E ATMEL-AT7913E Datasheet
420Kb / 18P
   SpaceWire-Remote Terminal Controller (RTC)
AT7912E ATMEL-AT7912E Datasheet
347Kb / 21P
   Single SpaceWire link High Speed Controller
logo
Kersemi Electronic Co.,...
KSM12N20L KERSEMI-KSM12N20L Datasheet
1Mb / 7P
   Low level gate drive requirement allowing direct
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com