Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS2572 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS2572
Description  User-Programmable Dual High-Performance Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2572 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS2572 Datasheet HTML 1Page - Integrated Circuit Systems ICS2572 Datasheet HTML 2Page - Integrated Circuit Systems ICS2572 Datasheet HTML 3Page - Integrated Circuit Systems ICS2572 Datasheet HTML 4Page - Integrated Circuit Systems ICS2572 Datasheet HTML 5Page - Integrated Circuit Systems ICS2572 Datasheet HTML 6Page - Integrated Circuit Systems ICS2572 Datasheet HTML 7Page - Integrated Circuit Systems ICS2572 Datasheet HTML 8Page - Integrated Circuit Systems ICS2572 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ICS2572RevC090894
Integrated
Circuit
Systems, Inc.
ICS2572
User-Programmable Dual High-Performance Clock Generator
Block Diagram
XTAL1
XTAL2
Crystal
Oscillator
Reference
Divider
Charge
Pump
Phase-
Frequency
Comparator
EXTFREQ
VCO
Prescaler
/M
Strobe
FS0
FS1
FS2
FS3
MS0
MS1
/A
MCLK PLL (as above)
VCLK Set &
Program
Mode
Interface
MCLK Set
/2
/4
/8
/2
/4
MCLK
CLK-
CLK+
LOAD
/1, 4, 5 or 8
/8
Description
The ICS2572 is a dual-PLL (phase-locked loop) clock gener-
ator with differential video outputs specifically designed for
high-resolution, high-refresh rate, video applications. The
video PLL generates any of 16 pre-programmed frequencies
through selection of the address lines FS0-FS3. Similarly, the
auxiliary PLL can generate any one of four pre-programmed
frequencies via the MS0 & MS1 lines.
A unique feature of the ICS2572 is the ability to redefine
frequency selections after power-up. This permits complete
set-up of the frequency table upon system initialization.
Features
•• Advanced ICS monolithic phase-locked loop
technology
•• Supports high-resolution graphics - differential CLK out-
put to 185 MHz
•• Divided dotclock output (LOAD) available
•• Simplified device programming
•• Sixteen selectable VCLK frequencies (all user
re-programmable)
•• Four selectable MCLK frequencies (all user
re-programmable)
•• Windows NT compatible
Applications
•• High end PC/low end workstation graphics designs
requiring differential output
•• X Terminal graphics
E-95


Similar Part No. - ICS2572

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2509 ICST-ICS2509 Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
ICS2509C ICST-ICS2509C Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
ICS2509CYG-T ICST-ICS2509CYG-T Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Integrated Device Techn...
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
   FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
More results

Similar Description - ICS2572

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2595 ICST-ICS2595 Datasheet
272Kb / 12P
   User-Programmable Dual High-Performance Clock Generator
logo
Cypress Semiconductor
ICD2051 CYPRESS-ICD2051 Datasheet
134Kb / 8P
   Dual Programmable Clock Generator
logo
Integrated Circuit Syst...
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
   User Programmable Differential Output Graphics Clock Generator
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
   User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS1574B RENESAS-ICS1574B Datasheet
577Kb / 13P
   User Programmable Laser Engine Pixel Clock Generator
2019
logo
Integrated Circuit Syst...
ICS1574B ICST-ICS1574B Datasheet
187Kb / 12P
   User Programmable Laser Engine Pixel Clock Generator
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
   User Programmable Differential Output Graphics Clock Generator
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com