Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN3R4-30PL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN3R4-30PL
Description  N-channel 30 V 3.4 m logic level MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN3R4-30PL Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN3R4-30PL Datasheet HTML 1Page - NXP Semiconductors PSMN3R4-30PL Datasheet HTML 2Page - NXP Semiconductors PSMN3R4-30PL Datasheet HTML 3Page - NXP Semiconductors PSMN3R4-30PL Datasheet HTML 4Page - NXP Semiconductors PSMN3R4-30PL Datasheet HTML 5Page - NXP Semiconductors PSMN3R4-30PL Datasheet HTML 6Page - NXP Semiconductors PSMN3R4-30PL Datasheet HTML 7Page - NXP Semiconductors PSMN3R4-30PL Datasheet HTML 8Page - NXP Semiconductors PSMN3R4-30PL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PSMN3R4-30PL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 2 November 2010
5 of 15
NXP Semiconductors
PSMN3R4-30PL
N-channel 30 V 3.4 m
Ω logic level MOSFET
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to
mounting base
see Figure 4
-0.65
1
K/W
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration; typical
values
003aad007
10
-4
10
-3
10
-2
10
-1
1
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
tp (s)
Zth(j-mb)
(K/W)
single shot
0.02
0.05
0.1
0.2
δ = 0.5
tp
T
P
t
tp
T
δ =


Similar Part No. - PSMN3R4-30PL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN3R4-30PL ISC-PSMN3R4-30PL Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN3R4-30PL NEXPERIA-PSMN3R4-30PL Datasheet
819Kb / 15P
   N-channel 30 V 3.4 mΩ logic level MOSFET
Rev. 01 - 2 November 2010
More results

Similar Description - PSMN3R4-30PL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R4-30PL NEXPERIA-PSMN3R4-30PL Datasheet
819Kb / 15P
   N-channel 30 V 3.4 mΩ logic level MOSFET
Rev. 01 - 2 November 2010
logo
NXP Semiconductors
PSMN3R4-30BLE PHILIPS-PSMN3R4-30BLE_15 Datasheet
230Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
12 October 2012
logo
Nexperia B.V. All right...
PSMN3R4-30BLE NEXPERIA-PSMN3R4-30BLE Datasheet
739Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN022-30PL NXP-PSMN022-30PL Datasheet
220Kb / 15P
   N-channel 30 V 22 m logic level MOSFET
Rev. 02-1 November 2010
PSMN3R3-60PL NXP-PSMN3R3-60PL Datasheet
263Kb / 13P
   N-channel 60 V, 3.4 m廓 logic level MOSFET in SOT78
7 February 2013
PSMN1R6-30PL NXP-PSMN1R6-30PL Datasheet
233Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN2R0-30PL NXP-PSMN2R0-30PL Datasheet
220Kb / 13P
   N-channel 30 V 2.1 m廓 logic level MOSFET
Rev. 01-24 June 2009
PSMN013-30LL NXP-PSMN013-30LL Datasheet
176Kb / 13P
   N-channel 30 V 13 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN3R5-30LL NXP-PSMN3R5-30LL Datasheet
179Kb / 13P
   N-channel 30 V 3.6 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN4R3-30PL NXP-PSMN4R3-30PL Datasheet
223Kb / 13P
   N-channel 30 V 4.3 m廓 logic level MOSFET
Rev. 01-16 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com