Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA169PV Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA169PV
Description  High Endurance Non-volatile Memory segments
Download  395 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA169PV Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA169PV_14 Datasheet HTML 1Page - ATMEL Corporation ATMEGA169PV_14 Datasheet HTML 2Page - ATMEL Corporation ATMEGA169PV_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA169PV_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA169PV_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA169PV_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA169PV_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA169PV_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA169PV_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 395 page
background image
2
8018P–AVR–08/10
ATmega169P
1.
Pin Configurations
1.1
Pinout - TQFP/QFN/MLF
Figure 1-1.
64A (TQFP) and 64M1 (QFN/MLF) Pinout ATmega169P
Note:
The large center pad underneath the QFN/MLF packages is made of metal and internally connected to GND. It should be sol-
dered or glued to the board to ensure good mechanical stability. If the center pad is left unconnected, the package might loosen
from the board.
47
46
48
45
44
43
42
41
40
39
38
37
36
35
33
34
2
3
1
4
5
6
7
8
9
10
11
12
13
14
16
15
PC0 (SEG12)
(RXD/PCINT0) PE0
(TXD/PCINT1) PE1
LCDCAP
(XCK/AIN0/PCINT2) PE2
(AIN1/PCINT3) PE3
(USCK/SCL/PCINT4) PE4
(DI/SDA/PCINT5) PE5
(DO/PCINT6) PE6
(CLKO/PCINT7) PE7
(SS/PCINT8) PB0
(SCK/PCINT9) PB1
(MOSI/PCINT10) PB2
(MISO/PCINT11) PB3
(OC0A/PCINT12) PB4
(OC1B/PCINT14) PB6
(OC1A/PCINT13) PB5
PC1 (SEG11)
PG0 (SEG14)
PC2 (SEG10)
PC3 (SEG9)
PC4 (SEG8)
PC5 (SEG7)
PC6 (SEG6)
PC7 (SEG5)
PA7 (SEG3)
PG2 (SEG4)
PA6 (SEG2)
PA5 (SEG1)
PA4 (SEG0)
PA3 (COM3)
PG1 (SEG13)
INDEX CORNER


Similar Part No. - ATMEGA169PV_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169PV-8AU ATMEL-ATMEGA169PV-8AU Datasheet
3Mb / 390P
   Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169PV-8AU ATMEL-ATMEGA169PV-8AU Datasheet
272Kb / 21P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169PV-8AU ATMEL-ATMEGA169PV-8AU Datasheet
420Kb / 25P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega169PV-8AU ATMEL-ATmega169PV-8AU Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega169PV-8MCH ATMEL-ATmega169PV-8MCH Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA169PV_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_14 Datasheet
5Mb / 364P
   High Endurance Non-volatile Memory segments
ATMEGA48 ATMEL-ATMEGA48_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATMEGA88V ATMEL-ATMEGA88V_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATMEGA649 ATMEL-ATMEGA649_14 Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
ATMEGA168 ATMEL-ATMEGA168_14 Datasheet
8Mb / 377P
   High endurance non-volatile memory segments
ATTINY13V ATMEL-ATTINY13V_14 Datasheet
3Mb / 176P
   High Endurance Non-volatile Memory segments
ATTINY88 ATMEL-ATTINY88 Datasheet
4Mb / 246P
   High Endurance Non-volatile Memory Segments
ATMEGA165PV ATMEL-ATMEGA165PV_14 Datasheet
7Mb / 364P
   High Endurance Non-volatile Memory segments
ATMEGA128L ATMEL-ATMEGA128L_14 Datasheet
6Mb / 386P
   High Endurance Non-volatile Memory segments
ATMEGA3250 ATMEL-ATMEGA3250_14 Datasheet
6Mb / 362P
   High Endurance Non-volatile Memory Segments
ATMEGA6490 ATMEL-ATMEGA6490_14 Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com