Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMR316B7225KL-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMR316B7225KL-T
Description  High Reliability (Automotive) Application Multilayer Ceramic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMR316B7225KL-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  EMR316B7225KL-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EMR316B7225KL-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
12QA02
RoHS compliance product
EMR316B7225KL
16V 3216 X7R 2.2uF +/- 10% t=1.8mmMAX
16V 1206 X7R 2.2uF +/- 10% t=0.071inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
EMR316B7225KL
Capacitance Freq.
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
EMR316B7225KL
DC Bias Char.
-50
-40
-30
-20
-10
0
10
0
2
4
6
8
1012
1416
DC Bias Voltage[V]
EMR316B7225KL
Impedance,ESR Freq.
0.001
0.01
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
ESR
Z
EMR316B7225KL
Capacitance Temp.
-30
-20
-10
0
10
-55 -35 -15
5
25
45 65
85 105 125
Temperature[degreeC]
EMR316B7225KL
Ripple Current
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
Ripple Current[Arms]
10kHz
100kHz
1M Hz


Similar Part No. - EMR316B7225KL-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMR316B7225ML-T TAIYO-YUDEN-EMR316B7225ML-T Datasheet
287Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
More results

Similar Description - EMR316B7225KL-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMR212B7224KG-T TAIYO-YUDEN-UMR212B7224KG-T Datasheet
291Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
EMR107B7474MA-T TAIYO-YUDEN-EMR107B7474MA-T Datasheet
287Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
TMR325B7106MM-T TAIYO-YUDEN-TMR325B7106MM-T Datasheet
286Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
LMR212B7225KG-T TAIYO-YUDEN-LMR212B7225KG-T Datasheet
291Kb / 2P
   High Reliability(Automotive)Application Multilayer Ceramic
TMR325B7475KN-T TAIYO-YUDEN-TMR325B7475KN-T Datasheet
288Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
UMR212B7104KG-T TAIYO-YUDEN-UMR212B7104KG-T Datasheet
291Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
UMR212B7104MG-T TAIYO-YUDEN-UMR212B7104MG-T Datasheet
290Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
UMR212B7224MG-T TAIYO-YUDEN-UMR212B7224MG-T Datasheet
290Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
TMR316B7105ML-T TAIYO-YUDEN-TMR316B7105ML-T Datasheet
287Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
LMR212B7225MG-T TAIYO-YUDEN-LMR212B7225MG-T Datasheet
290Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
TMR325B7225MN-T TAIYO-YUDEN-TMR325B7225MN-T Datasheet
287Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com