Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP337EEY-L Datasheet(PDF) 1 Page - Exar Corporation

Part # SP337EEY-L
Description  3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP337EEY-L Datasheet(HTML) 1 Page - Exar Corporation

  SP337EEY-L Datasheet HTML 1Page - Exar Corporation SP337EEY-L Datasheet HTML 2Page - Exar Corporation SP337EEY-L Datasheet HTML 3Page - Exar Corporation SP337EEY-L Datasheet HTML 4Page - Exar Corporation SP337EEY-L Datasheet HTML 5Page - Exar Corporation SP337EEY-L Datasheet HTML 6Page - Exar Corporation SP337EEY-L Datasheet HTML 7Page - Exar Corporation SP337EEY-L Datasheet HTML 8Page - Exar Corporation SP337EEY-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
SP337E
3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
MARCH 2011
REV. 1.0.2
GENERAL DESCRIPTION
The SP337E is a dual mode serial transceiver
containing both RS-232 and RS-485/422 line drivers
and receivers. The RS-232 mode provides three
drivers and five receivers to support all eight signals
commonly used in the DB9 serial port connector
(3TX/5RX). In RS-485 mode the device features two
independent high speed RS-485/422 transmit and
receive channels (2TX/2RX). The default RS-485
configuration is full-duplex, but half-duplex operation
can be obtained by tying together the TX and RI pins,
and the TXEN and RXEN signals.
The SP337E is pin compatible to Exar’s SP334.
The SP337EB features a maximum data rate of
250kbps in RS-232 mode and a maximum data rate
of 15Mbps in RS-485. However, the SP337EU
features a maximum data rate of 1Mbps in RS-232
mode and a maximum data rate of 15Mbps in RS-485
mode.
The Exar-patented high efficiency charge pumps
(5,306,954) deliver true RS-232 driver output
voltages from a single power supply from 3.3V to 5V.
Charge pump outputs are self-monitored to minimize
power consumption. The SP337E requires only four
0.1
μF capacitors for complete functionality.
All RS-485 receivers or transceivers feature high
impedance inputs which allow up to 256 transceivers
on a single shared bus. When configured in RS-485
mode, each driver may be individually enabled or put
into tri-state, simplifying use on shared buses or for
bidirectional communication. The RS-485/422 drivers
can be disabled (high-Z output) by the TXEN enable
pin. The RS-232 receiver outputs can be disabled by
the RXEN enable pin.
All receivers have advanced failsafe protection to
prevent oscillation when inputs are un-connected. In
RS-232 mode, each receiver input has a 5k
Ω pull-
down to ground. in RS-485 mode, receivers will
default to output logic 1 if inputs are floating, shorted,
or open but terminated.
All driver outputs and receiver inputs are protected
against ESD strikes up to +/-15,000 volts.
FEATURES
3.3V to 5V Single Supply Operation
Robust +/-15kV ESD Protection
Human Body Model
Max Data Rate of 15Mbps in RS-485 mode
and up to 1Mbps in RS-232 mode (SP337EU)
3 Drivers, 5 Receivers RS-232/V.28
2 Drivers, 2 Receivers RS-485/RS-422
Full-Duplex Configuration
1/8th Unit Load, up to 256 receivers on bus
RS-485 Advanced Failsafe on Open, Short or
Terminated Lines
Full Differential Driver Tri-State (Hi-Z) Control
Receiver Output Tri-State Control
WSOIC-28 or TSSOP-28 Package
TYPICAL APPLICATIONS
Dual Protocol Serial Ports (RS-232 or RS-485)
Industrial Computers
Industrial and Process Control Equipment
Point-Of-Sales Equipment
Networking Equipment
HVAC Controls Equipment
Building Security Equipment


Similar Part No. - SP337EEY-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP337EBCT-L EXAR-SP337EBCT-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBCY-L EXAR-SP337EBCY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBET-0A-EB EXAR-SP337EBET-0A-EB Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBET-L EXAR-SP337EBET-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
More results

Similar Description - SP337EEY-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBET-0A-EB EXAR-SP337EBET-0A-EB Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336E EXAR-SP336E Datasheet
1Mb / 30P
   3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Intersil Corporation
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com