Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPT5RE3 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # UPT5RE3
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPT5RE3 Datasheet(HTML) 5 Page - Microsemi Corporation

  UPT5RE3 Datasheet HTML 1Page - Microsemi Corporation UPT5RE3 Datasheet HTML 2Page - Microsemi Corporation UPT5RE3 Datasheet HTML 3Page - Microsemi Corporation UPT5RE3 Datasheet HTML 4Page - Microsemi Corporation UPT5RE3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
T4-LDS-0248, Rev. 1 (120182)
©2012 Microsemi Corporation
Page 5 of 5
UPT5e3 – UPT48e3, UPT5Re3 – UPT48Re3
UPTB8e3 – UPTB48e3
PACKAGE DIMENSIONS
Dimensions
Ltr
Inch
Millimeters
Min
Max
Min
Max
A
0.73
0.99
0.029
0.039
B
0.40
0.66
0.016
0.026
C
1.77
2.03
0.070
0.080
D
2.21
2.46
0.087
0.097
E
0.50
0.76
0.020
0.030
F
1.29
1.54
0.051
0.061
G
0.53
0.78
0.021
0.031
H
0.10
0.20
0.004
0.008
I
1.77
2.03
0.070
0.080
J
0.89
1.14
0.035
0.045
PAD LAYOUT
Dimensions
Ltr
Inch
Millimeters
A
0.100
2.54
B
0.105
2.67
C
0.050
1.27
D
0.030
0.76
E
0.025
0.64


Similar Part No. - UPT5RE3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPT5RE3 MICROSEMI-UPT5RE3 Datasheet
264Kb / 5P
   5V-48V Small Footprint, Surface Mount Transient Voltage Suppressors
logo
Micro Commercial Compon...
UPT5RE3 MCC-UPT5RE3 Datasheet
225Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - UPT5RE3

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com