Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNB35N07TR-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNB35N07TR-E
Description  OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNB35N07TR-E Datasheet(HTML) 1 Page - STMicroelectronics

  VNB35N07TR-E Datasheet HTML 1Page - STMicroelectronics VNB35N07TR-E Datasheet HTML 2Page - STMicroelectronics VNB35N07TR-E Datasheet HTML 3Page - STMicroelectronics VNB35N07TR-E Datasheet HTML 4Page - STMicroelectronics VNB35N07TR-E Datasheet HTML 5Page - STMicroelectronics VNB35N07TR-E Datasheet HTML 6Page - STMicroelectronics VNB35N07TR-E Datasheet HTML 7Page - STMicroelectronics VNB35N07TR-E Datasheet HTML 8Page - STMicroelectronics VNB35N07TR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VNP35N07FI
VNB35N07/VNV35N07
”OMNIFET”:
FULLY AUTOPROTECTED POWER MOSFET
June 1998
BLOCK DIAGRAM (
∗)
TYPE
Vclamp
RDS( on)
Ilim
VNP35N07FI
VNB35N07
VNV35N07
70 V
70 V
70 V
0.028
0.028
0.028
35 A
35 A
35 A
s
LINEAR CURRENT LIMITATION
s
THERMAL SHUT DOWN
s
SHORT CIRCUIT PROTECTION
s
INTEGRATED CLAMP
s
LOW CURRENT DRAWN FROM INPUT PIN
s
DIAGNOSTIC FEEDBACK THROUGH INPUT
PIN
s
ESD PROTECTION
s
DIRECT ACCESS TO THE GATE OF THE
POWER MOSFET (ANALOG DRIVING)
s
COMPATIBLE WITH STANDARD POWER
MOSFET
DESCRIPTION
The VNP35N07FI, VNB35N07 and VNV35N07
are
monolithic
devices
made
using
STMicroelectronics
VIPower M0
Technology,
intended for replacement of standard power
MOSFETS in DC to 50 KHz applications. Built-in
thermal shut-down, linear current limitation and
overvoltage clamp protect the chip in harsh
enviroments.
Fault feedback can be detected by monitoring the
voltage at the input pin.
1
10
PowerSO-10
1
2
3
1
3
D2PAK
TO-263
ISOWATT220
(
∗) PowerSO-10 Pin Configuration : INPUT = 6,7,8,9,10; SOURCE = 1,2,4,5; DRAIN = TAB
®
1/13


Similar Part No. - VNB35N07TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB35N07TR-E STMICROELECTRONICS-VNB35N07TR-E Datasheet
464Kb / 24P
   OMNIFET: fully autoprotected Power MOSFET
Rev 3 February 2015
More results

Similar Description - VNB35N07TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB10N07TR-E STMICROELECTRONICS-VNB10N07TR-E Datasheet
511Kb / 14P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
166Kb / 15P
   OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
VNB49N04 STMICROELECTRONICS-VNB49N04 Datasheet
506Kb / 22P
   OMNIFET: fully autoprotected Power MOSFET
VND10N0613TR STMICROELECTRONICS-VND10N0613TR Datasheet
595Kb / 25P
   OMNIFET fully autoprotected Power MOSFET
VND10N06-1-E STMICROELECTRONICS-VND10N06-1-E Datasheet
595Kb / 25P
   OMNIFET fully autoprotected Power MOSFET
VNB14N04-E STMICROELECTRONICS-VNB14N04-E Datasheet
522Kb / 17P
   "OMNIFET" fully autoprotected Power MOSFET
VNB28N04-E STMICROELECTRONICS-VNB28N04-E Datasheet
226Kb / 13P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VNB20N07-E STMICROELECTRONICS-VNB20N07-E Datasheet
491Kb / 13P
   "OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VND7N04 STMICROELECTRONICS-VND7N04_09 Datasheet
511Kb / 17P
   "OMNIFET"Fully autoprotected power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com