Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICA-624-SGT Datasheet(PDF) 1 Page - Samtec, Inc

Part # ICA-624-SGT
Description  AUTOMATED INSERTION DIP SOCKETS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ICA-624-SGT Datasheet(HTML) 1 Page - Samtec, Inc

  ICA-624-SGT Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(2,54mm) .100"
ICA SERIES
WWW.SAMTEC.COM
ICA–320–SGT
ICA–624–ZEGG
(2,54) .100 X No. of Positions
Row
Spacing
+(2,41)
.095
except
–H is
+ (2,54)
.100
(7,64) .300
(10,16) .400
or
(15,24) .600
(2,54)
.100
(2,54) .100 X No. of Spaces
(2,54)
.100
(3,43)
.136
(1,32)
.052
DIA
(0,51)
.020
(4,32)
.170
(8,86)
.349
(13,77)
.542
(0,89)
.035
DIA
(1,32)
.052
DIA
Y
Z
X
(1,32)
.052
DIA
(12,95)
.510
(4,90)
.193
(0,64)
.025
SQ
PLATING
OPTION
STYLE
OPTION
ROW SPACING &
NO. OF CONTACTS
Specify from chart below
Mates with:
APA
–W, –ZW
= Wire-Wrap
ZW = Low Insertion Force
–S, –ZS, –ZA
= Printed Circuit
-ZS & -ZA = Low Insertion Force
–ZE
= Elevated
Low Insertion Force
–308
–314
–316
–318
–320
–322
–324
–328
–422
–624
–628
–632
–640
–648
ICA
OPTION
(Leave Blank for
Standard Version)
• Side & end stackable
• Great for auto insertion
• Open body design
Y
TAIL
(3,18)
.125
(4,57)
.180
*
Shorter wire-wrap tail
lengths available.
See OPTION.
X
DIA
(0,51)
.020
(0,51)
.020
Z
(7,62)
.300
(8,89)
.350
LEAD STYLE
–S or –ZS
–ZA
No. of
Contacts
08
14
16
18
20
22
24
28
22
24
28
32
40
48
Insertion Depth = .125" (3,18) to .157" (3,99)
Style W Component Part No. = SC-1W1(1)
Style ZW Component Part No. = EZ-1W1(1)
Style W-2 Component Part No. = SC-1W1(2)
Style ZW-2 Component Part No. = EZ-1W1(2)
Style W-3 Component Part No. = SC-1W1(3)
Style ZW-3 Component Part No. = EZ-1W1(3)
–L Option
Row
Space
.300 (7,62)
.400 (10,16)
.600 (15,24)
*–322 has no cross bar on one end.
Note: Some sizes, styles and
options are non-standard,
non-returnable.
Insertion Depth = .125" (3,18) to .170" (4,32)
Style ZE Component Part No. = EZ-2P3
Insertion Depth = .095" (2,41) to .145" (3,68):
Style S Component Part No. = SC-1P1
Style ZS Component Part No. = EZ-1P1
Style ZA Component Part No. = EZ-6P1
Option L Component Part No. = SC-1L1 or EZ-1L1
GG
= 30µ" (0,76µm)
Gold contact,
10µ" (0,25µm)
Gold Shell
GT
= 30µ" (0,76µm)
Gold contact,
Tin Shell
ST
= 10µ" (0,25µm)
Gold contact,
Tin shell (Styles –S
& –ZS only)
Requires Style
–S or –ZS
Requires GT
Plating Option
–L
= Locking
Socket
For complete specifications
see www.samtec.com?ICA
Insulator Material:
Black Glass Filled
Polyester
except -328 is LCP
Contact: BeCu
Shell: Brass
Plating:
Au or Sn over 50µ" Ni
Flammability Rating:
UL 94V-O
Insulation Resistance:
5000 M
Ω min
Temperature Range:
-55°C to +105°C with Tin
-55°C to +125°C with Gold.
Withstanding Voltage:
1000 VRMS
Current Rating: 1A
Contact Resistance:
10m
Ω max
Lead Size Range:
.015" (0,38mm) to .022"
(0,56mm) DIA and most IC leads
Insertion Force:
(Single contact only)
Standard = 9 oz avg, 16 oz max;
Low Insertion Force =
2.5 oz avg, 5.5 oz max
Withdrawal Force:
(Single contact only)
Standard = 2.5 oz avg, 1.5 oz
min; Low Insertion Force =
2.0 oz avg, 0.35 oz min
Lead-Free Solderable:
Wave only
RoHS Compliant: Yes
SPECIFICATIONS
Locking lead
available with –S
and –ZS.
See OPTION.
–3
= .260 (6,60)
Tail
–2
= .360 (9,14)
Tail
Wire-Wrap
Option
Requires Style
–W or –ZW
Specify desired
suffix for shorter
Wire-Wrap tail.
AUTOMATED INSERTION DIP SOCKETS
F-211-1 SUPPLEMENT


Similar Part No. - ICA-624-SGT

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ICA-624-ZEGG SAMTEC-ICA-624-ZEGG Datasheet
596Kb / 1P
   AUTOMATED INSERTION DIP SOCKETS
ICA-624-ZEGG SAMTEC-ICA-624-ZEGG Datasheet
596Kb / 1P
   AUTOMATED INSERTION DIP SOCKETS
More results

Similar Description - ICA-624-SGT

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ICA-316-JGG SAMTEC-ICA-316-JGG Datasheet
596Kb / 1P
   AUTOMATED INSERTION DIP SOCKETS
ICA-640-SGG SAMTEC-ICA-640-SGG Datasheet
596Kb / 1P
   AUTOMATED INSERTION DIP SOCKETS
ICA-628-STT SAMTEC-ICA-628-STT Datasheet
596Kb / 1P
   AUTOMATED INSERTION DIP SOCKETS
logo
Tyco Electronics
1825109-3 MACOM-1825109-3 Datasheet
88Kb / 1P
   DIP Sockets
logo
Samtec, Inc
PLCC-020-T-N SAMTEC-PLCC-020-T-N Datasheet
372Kb / 1P
   SMT DIP CHIP CARRIER SOCKETS
ICF-308-S-O SAMTEC-ICF-308-S-O Datasheet
440Kb / 1P
   SMT DIP CHIP CARRIER SOCKETS
ICF-624-S-O SAMTEC-ICF-624-S-O Datasheet
1Mb / 1P
   SMT DIP & CHIP CARRIER SOCKETS
logo
Yamaichi Electronics Co...
NCS036-D002-K13289 YAMAICHI-NCS036-D002-K13289 Datasheet
60Kb / 1P
   Dual Port - 90째 Solder Dip Sockets
logo
Samtec, Inc
ICO-314-NGT SAMTEC-ICO-314-NGT Datasheet
537Kb / 1P
   LOW PROFILE OPEN BODY DIP SOCKETS
logo
Aries Electronics, Inc.
10019 ARIES-10019 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com