Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

946911 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 946911
Description  5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block, Dual Level, 270
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

946911 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  946911 Datasheet HTML 1Page - Molex Electronics Ltd. 946911 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39940-0511
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Beau™ EuroMate™ Pluggable PCB Terminal Block, Dual Level, 270°
Wire Entry, with Retention Screws, 11 Circuits
Documents:
3D Model
Product Specification PS-39940-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39940
Application
N/A
Comments
Gold plating available
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
EuroMate™Pluggable
Type
Euro Block
UPC
800756373331
Physical
Circuits (Loaded)
11
Color - Resin
Black
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
36.719/g
Number of Rows
2
Orientation
Vertical
PCB Retention
N/A
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Shrouded
Tri-Barrier
Stackable
No
Temperature Range - Operating
130°C
Termination Interface: Style
Screw or Lug
Wire Size AWG
12, 14, 16, 18, 20, 22
Wire Size mm²
0.50 - 2.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Old Part Number
946911
Reference - Drawing Numbers
Product Specification
PS-39940-001
Sales Drawing
SD-39940-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39940Series
Mates With
39535-0011 , 39535-4011 , 39536-0011 ,
39536-4011


Similar Part No. - 946911

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
946911 MOLEX5-946911 Datasheet
351Kb / 4P
   5.08mm (.200") Pitch Beau??EuroMate??Pluggable PCB Terminal Block, Dual Level, 270째 Wire Entry, with Retention Screws, 11 Circuits
More results

Similar Description - 946911

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39940-0504 MOLEX11-39940-0504 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block, Dual Level, 270
39940-0510 MOLEX11-39940-0510 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block, Dual Level, 270
39940-0516 MOLEX11-39940-0516 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block, Dual Level, 270
39940-0517 MOLEX11-39940-0517 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block, Dual Level, 270
39940-0308 MOLEX11-39940-0308 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block, Dual Level, 270
39940-0506 MOLEX11-39940-0506 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block, Dual Level, 270
39940-0520 MOLEX11-39940-0520 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block, Dual Level, 270
39940-0303 MOLEX11-39940-0303 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block, Dual Level, 270
39940-0512 MOLEX11-39940-0512 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block, Dual Level, 270
39940-0503 MOLEX11-39940-0503 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block, Dual Level, 270
39940-0309 MOLEX11-39940-0309 Datasheet
43Kb / 2P
   5.08mm Pitch Beau EuroMate Pluggable PCB Terminal Block, Dual Level, 270
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com