Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS581G-02T Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS581G-02T
Description  Zero-Delay Glitch-Free Clock Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS581G-02T Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS581G-02T Datasheet HTML 1Page - Integrated Circuit Systems ICS581G-02T Datasheet HTML 2Page - Integrated Circuit Systems ICS581G-02T Datasheet HTML 3Page - Integrated Circuit Systems ICS581G-02T Datasheet HTML 4Page - Integrated Circuit Systems ICS581G-02T Datasheet HTML 5Page - Integrated Circuit Systems ICS581G-02T Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ICS581-01, -02
Zero-Delay Glitch-Free Clock Multiplexer
MDS 581-01, 581-02 A
6
Revision 041100
Printed 11/14/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Ordering Information
Part/Order Number
Marking
Shipping, packaging
Package
Temperature
ICS581G-01
ICS581G-01
tubes
16 pin TSSOP
0 to 70 °C
ICS581G-01T
ICS581G-01
tape and reel
16 pin TSSOP
0 to 70 °C
ICS581G-02
ICS581G-02
tubes
16 pin TSSOP
0 to 70 °C
ICS581G-02T
ICS581G-02
tape and reel
16 pin TSSOP
0 to 70 °C
ICS581G-01I
ICS581G-01I
tubes
16 pin TSSOP
-40 to 85°
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
b
D
E1
E
e
A1
c
A
L
INDEX
AREA
1
2
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
--
0.047
--
1.19
A1
0.002
0.006
0.05
0.15
b
0.007
0.012
0.18
0.30
c
0.0035
0.008
0.09
0.20
D
0.193
0.201
4.90
5.11
e
.025 BSC
.025 BSC
0.65 BSC
0.65 BSC
E
.252 BSC
.252 BSC
6.40 BSC
6.40 BSC
E1
0.169
0.177
4.29
4.50
L
0.018
0.030
0.46
0.76
16 pin TSSOP


Similar Part No. - ICS581G-02T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS581-01 IDT-ICS581-01 Datasheet
110Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS581-01 RENESAS-ICS581-01 Datasheet
222Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
051310
More results

Similar Description - ICS581G-02T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS581-01 IDT-ICS581-01 Datasheet
110Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS581-01 RENESAS-ICS581-01 Datasheet
222Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
051310
logo
Integrated Circuit Syst...
ICS580-01 ICST-ICS580-01 Datasheet
61Kb / 6P
   Glitch-Free Clock Multiplexer
logo
Renesas Technology Corp
ICS580-01 RENESAS-ICS580-01 Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
logo
Integrated Device Techn...
ICS580-01 IDT-ICS580-01 Datasheet
238Kb / 13P
   GLITCH-FREE CLOCK MULITPLEXER
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com