Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS463C Datasheet(PDF) 10 Page - ATMEL Corporation

Part # TSS463C
Description  Handles Retransmission of Frames on Contention and Errors
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463C Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TSS463C_14 Datasheet HTML 6Page - ATMEL Corporation TSS463C_14 Datasheet HTML 7Page - ATMEL Corporation TSS463C_14 Datasheet HTML 8Page - ATMEL Corporation TSS463C_14 Datasheet HTML 9Page - ATMEL Corporation TSS463C_14 Datasheet HTML 10Page - ATMEL Corporation TSS463C_14 Datasheet HTML 11Page - ATMEL Corporation TSS463C_14 Datasheet HTML 12Page - ATMEL Corporation TSS463C_14 Datasheet HTML 13Page - ATMEL Corporation TSS463C_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
10
TSS463C
7601B–AUTO–02/06
The Slave Select signal must not toggle between each transmitted byte and therefore,
should be left at a low level during the whole SCI frame. SS must be asserted to inactive
high level at the end of the SCI frame.
If SS is not asserted, MISO pin is in high impedance state and incoming data is not
driven to the serial data register.
SCI Protocol
Same as the SPI protocol described before except for data arranging (LSB first and
MSB last).
Only 8 bits are monitored by the TSS463C and master must monitor the 8 first bits
too (9th bit always equal to 1).
SCI Control Byte
Same as the SPI control byte.
Clocks and Speed
Considerations
SCLK and XTAL Clocks
The SPI/SCI speed rate is given by the CPU producing SCLK. XTAL clock controls the
speed rate on the VAN bus. The two clocks are asynchronous but a minimum SPI/SCI
interframe spacing must be apply according to XTAL clock.
Intel and Motorola SPI Modes
Within an SPI byte, the maximum speed allowed on the MOSI line is 4 Mbits/s.
For example, when using a 1 MHz oscillator (Sufficient to provide 62.5 kTS/s on the
VAN bus) the minimum inter-character delay is 12
μs (12 oscillator periods). Speed con-
siderations are detailed in Figure 7.
Figure 7. SPI Speed Considerations
SCI Mode
Within an SCI 9-bits data, the maximum speed allowed on the MOSI line is 125 Kbits/s.
When using a 1 MHz oscillator, the data transfer speed and the minimum delay time
between SCI bytes are shown in Figure 8.
SS
s at 1 MHz)
(4 s at 1 MHz)
(15 s at 1 MHz)
12 Xtal Min
8 Xtal Min
15 Xtal Min
4 Xtal Min
MOSI
Address
Control
SCLK
4 Mbits/s Max for SCLK
Data
(12 s at 1 MHz)
(8


Similar Part No. - TSS463C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
   VAN Data Link Controller with Serial Interface
More results

Similar Description - TSS463C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS461F ATMEL-TSS461F_14 Datasheet
611Kb / 57P
   Handles Retransmission of Frames on Contention and Errors
logo
STMicroelectronics
AN1636 STMICROELECTRONICS-AN1636 Datasheet
412Kb / 42P
   UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
logo
Harris Corporation
RF-5800-RU HARRIS-RF-5800-RU Datasheet
176Kb / 2P
   TACTICAL RETRANSMISSION UNIT
logo
Vishay Siliconix
CSFR VISHAY-CSFR Datasheet
105Kb / 2P
   Customer Special Resistors Mounted on Frames (CSFR)
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
   INSTRUMENTATION HANDLES
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
PHOENIX CONTACT
CRIMPFOX-16R-TWIN PHOENIX-CRIMPFOX-16R-TWIN Datasheet
55Kb / 2P
   Ergonomically designed handles ensure an optimum grip and reduce the amount of force required by 25%
logo
Transcend Information. ...
TS2GPF730B TRANSCEND-TS2GPF730B Datasheet
71Kb / 2P
   Digital Photo Frames
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com