Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2D0406S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D2D0406S
Description  SPECIFICATIONS AND ORDERING INFORMATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D2D0406S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D2D0406S Datasheet HTML 1Page - List of Unclassifed Manufacturers D2D0406S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
0.55 amp @ 28 VDC; 0.25 amp @ 115 VAC.
Current Carrying Capacity: 7 amps.
Dielectric Strength: 750 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 5 milliohms.
Insulation Resistance: Diallyl in excess of 900,000 megohms.
Glass in excess of 750,000 megohms.
Ceramic in excess of 1,000,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
DIALLYL PHTHALATE INSULATION - ADJUSTABLE STOPS
SWITCHES - SOLDER LUG TERMINALS - 30
° INDEX - SET @ 2 POS.
CERAMIC INSULATION - ADJUSTABLE STOPS
SWITCHES - SOLDER LUG TERMINALS - 30
° INDEX - SET @ 2 POS. - 1/8 DIA. SHAFT
SPECIFICATIONS AND ORDERING INFORMATION
D2 - SERIES
1" DIAMETER 0.55 AMP @ 28 VDC
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Clips and Rotors: Brass with silver plate as standard.
Insulation: Diallyl phthalate, glass, or ceramic.
Index: Dual-ball, side thrust design.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: Positive 30
° standard, 36°, 45°, and 60° available.
Index Stops: Adjustable standard, fixed or continuous.
Stop Strength: 10 in. lbs. minimum.
STANDARD PART NUMBER
DIMENSIONS
* FIGURES ARE SHOWN ON PAGES 55 AND 56.
STANDARD CONSTRUCTION
D2D
D2C
DIALLYL PHTHALATE INSULATION
CERAMIC INSULATION
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION
SECTIONS
SHORTING
*
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION
SECTIONS
SHORTING
*
20
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
The D2 Series switch is used where space is at a premium. This dual-ball
side thrust index offers exceptional torque control and is available in 30
°, 36°,
45
°, and 60° angles. Standard designs utilize diallyl phthalate or ceramic
insulation, solder lug terminals, and 30
° adjustable stop indexing.
01
02-12
1
1
D2D0112S
D2D0112N
DE
01
02-11
1
1
D2C0111S
D2C0111N
DB
02
02-06
2
1
D2D0206S
D2D0206N
DL
02
02-05
2
1
D2C0205S
D2C0205N
DG
02
02-12
1
2
D2D0212S
D2D0212N
DE
02
02-11
1
2
D2C0211S
D2C0211N
DB
03
02-05
3
1
D2D0305S
D2D0305N
DO
03
02-03
3
1
D2C0303S
D2C0303N
DN
03
02-12
1
3
D2D0312S
D2D0312N
DE
03
02-11
1
3
D2C0311S
D2C0311N
DB
04
02-06
2
2
D2D0406S
D2D0406N
DL
04
02-05
2
2
D2C0405S
D2C0405N
DG
06
02-05
3
2
D2D0605S
D2D0605N
DO
06
02-05
2
3
D2C0605S
D2C0605N
DG
06
02-06
2
3
D2D0606S
D2D0606N
DL
06
02-03
3
2
D2C0603S
D2C0603N
DN


Similar Part No. - D2D0406S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2D0406S ETC2-D2D0406S Datasheet
84Kb / 2P
   1 DIAMETER 0.55 AMP 28 VDC
D2D0406S ETC2-D2D0406S Datasheet
88Kb / 3P
   SPECIFICATIONS AND ORDERING INFORMATION
More results

Similar Description - D2D0406S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2-512 ETC2-D2-512 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
   Introduction and Ordering Information
XC3S5000-5FGG676C XILINX-XC3S5000-5FGG676C Datasheet
5Mb / 272P
   Introduction and Ordering Information
logo
Altera Corporation
EPM ALTERA-EPM Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com