Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2C0603S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D2C0603S
Description  SPECIFICATIONS AND ORDERING INFORMATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D2C0603S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D2C0603S Datasheet HTML 1Page - List of Unclassifed Manufacturers D2C0603S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
PRINTED CIRCUIT BOARD TERMINAL OPTIONS
REAR P.C. DIALLYL ONLY
VERTICALP.C.
ADDITIONAL OPTIONS AND ORDERING INFORMATION
D2 - SERIES
INSULATION OPTION
D2G
GLASS EPOXY INSULATION
CUSTOM SWITCHES ARE AVAILABLE. CONTACT THE FACTORY WITH YOUR COMPLETE SPECIFICATIONS.
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
21
D2
CUSTOMERS SPECIFIED ORDER NUMBER FOR STANDARD OPTIONS
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY) (SPECIFY)
(SPECIFY)
ADDITIONAL OPTIONS
R
V
2 DIGIT
INSULATION
TOTAL
ACTIVE
CONTACT
SERIES
TYPE
POLES
POSITIONS
TYPE
TERMINAL
INDEX
STOP
SHAFT/
SHAFT
TYPE
ANGLE
TYPE
BUSHING
FLAT
D2
D - DIALLYL
01 - MIN.
12 - MAX @ 30
°
S- SHORTING
(30
°,45°,60°)
10 - MAX @ 36
°
N- NON
G - GLASS
08 - MAX @ 45
°
SHORTING
(30
°,36°,45°,60°)06 - MAX @ 60°
D2
C - CERAMIC
01 - MIN.
11 - MAX @ 30
°
S- SHORTING
(30
°,60°)
N- NON
1/8 SHAFT
SHORTING
L - SOLDER LUG
30
°
A- ADJ.
V - VERT. P.C. 30
°
36
°
F- FIXED
R - (REAR P.C.
45
°
C- CONT.
NOT CERAMIC)
60
°
SEE
SEE
CHART
CHART
L - SOLDER LUG
30
°
A- ADJ.
“A”
“B”
60
°
F- FIXED
C- CONT.
How to Order Additional Options:
SHAFT AS VIEWED
WITH NON-TURN LUG
AT 3 O'CLOCK AND
SHAFT IN EXTREME
CCW POSITION AND
STRUT BOLTS
ORIENTED VERTICALLY.
Y
W
Z
U
SHAFT
, BUSHING, AND FLAT OPTIONS


Similar Part No. - D2C0603S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2C0603S ETC2-D2C0603S Datasheet
84Kb / 2P
   1 DIAMETER 0.55 AMP 28 VDC
D2C0603S ETC2-D2C0603S Datasheet
88Kb / 3P
   SPECIFICATIONS AND ORDERING INFORMATION
More results

Similar Description - D2C0603S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2-512 ETC2-D2-512 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
   Introduction and Ordering Information
XC3S5000-5FGG676C XILINX-XC3S5000-5FGG676C Datasheet
5Mb / 272P
   Introduction and Ordering Information
logo
Altera Corporation
EPM ALTERA-EPM Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com