Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD30MW Datasheet(PDF) 4 Page - NEC

Part # RD30MW
Description  ZENER DIODES 200 mW 3-PIN MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD30MW Datasheet(HTML) 4 Page - NEC

  RD30MW Datasheet HTML 1Page - NEC RD30MW Datasheet HTML 2Page - NEC RD30MW Datasheet HTML 3Page - NEC RD30MW Datasheet HTML 4Page - NEC RD30MW Datasheet HTML 5Page - NEC RD30MW Datasheet HTML 6Page - NEC RD30MW Datasheet HTML 7Page - NEC RD30MW Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RD2.0MW to RD39MW
4
Data Sheet D10247EJ5V0DS00
TYPICAL CHARACTERISTICS (TA = 25
°C)
Fig. 1
P - TA RATING
TA - Ambient Temperature -
°C
250
200
150
0
100
50
25
50
75
100
125
150
Fig. 2
IZ - VZ CHARACTERISTICS (a to e)
0
100 m
VZ - Zener Voltage - V
(a)
100
10 m
1 m
µ
10
µ
1
µ
100 n
10 n
1 n
123456789
10
0
100 m
VZ - Zener Voltage - V
(b)
100
10 m
1 m
µ
10
µ
1
µ
100 n
10 n
1 n
7
8
9
10
11
12
13
14
15
RD10MW
RD11MW
RD12MW
RD13MW
11
100 m
VZ - Zener Voltage - V
(c)
100
10 m
1 m
µ
10
µ
1
µ
100 n
10 n
1 n
12
13
14
15
16
17
18
19
20
RD15MW
RD16MW
RD18MW
RD20MW
0
100 m
VZ - Zener Voltage - V
(d)
100
10 m
1 m
µ
10
µ
1
µ
100 n
10 n
1 n
RD22MW RD24MW RD27MW
RD30MW
15
20
22
24
25
28
30
RD2.0MW
RD2.2MW
RD2.4MW
RD2.7MW
RD3.0MW
RD3.3MW
RD3.3MW
RD3.6MW RD4.3MW
RD4.7MW
RD5.1MW
RD5.6MW
RD6.2MW
RD9.1MW
RD8.2MW
RD6.8MW
RD7.5MW


Similar Part No. - RD30MW

ManufacturerPart #DatasheetDescription
logo
NEC
RD30M NEC-RD30M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD30M NEC-RD30M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
More results

Similar Description - RD30MW

ManufacturerPart #DatasheetDescription
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
SeCoS Halbleitertechnol...
MMSZ52XXBS SECOS-MMSZ52XXBS Datasheet
81Kb / 4P
   200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com