Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650R-21 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS650R-21
Description  System Peripheral Clock Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650R-21 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS650R-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS650R-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS650R-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS650R-21 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS650-21
System Peripheral Clock Source
MDS 650-21 A
3
Revision 010301
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
C
Soldering Temperature
Max of 10 seconds
260
C
Storage temperature
-65
150
C
DC CHARACTERISTICS (VDD = 3.3V or 5V unless noted)
DC CHARACTERISTICS (VDD = 3.3V or 5V unless noted)
DC CHARACTERISTICS (VDD = 3.3V or 5V unless noted)
Operating Voltage, VDD
3.0
5.5
V
Input High Voltage, VIH
Select inputs, OE
2
V
Input Low Voltage, VIL
Select inputs, OE
0.8
V
Output High Voltage, VOH
VDD=3.3V, IOH=-8mA
2.4
V
Output Low Voltage, VOL
VDD=3.3V, IOL=8mA
0.4
V
Output High Voltage, VOH, VDD = 3.3 or 5V
IOH=-8mA
VDD-0.4
V
Operating Supply Current, IDD, at 5V
No Load, note 2
50
mA
Operating Supply Current, IDD, at 3.3V
No Load, note 2
30
mA
Short Circuit Current, VDD = 3.3
Each output
±50
mA
Input Capacitance
Except X1
5
pF
AC CHARACTERISTICS (VDD = 3.3V or 5V unless noted)
AC CHARACTERISTICS (VDD = 3.3V or 5V unless noted)
Input Crystal or Clock Frequency
25.000
MHz
Output Clocks Accuracy (synthesis error)
All clocks
1
ppm
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle, UCLCK
At VDD/2
40
50
60
%
Output Clock Duty Cycle, PCLCK, ACLCK
At VDD/2
45
50
55
%
One Sigma Jitter, except ACLK
75
ps
One Sigma Jitter, ACLK
120
ps
Absolute Clock Period Jitter PCLK, UCLK, 20M
- 500
500
ps
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. With all clocks at highest frequencies.
External Components
The ICS650 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.1µF should be connected between VDD and GND (on pins 4 and 6, and pins 16 and 14),
as close to the chip as possible. A series termination resistor of 33
Ω may be used for each clock output. The
25.000 MHz crystal must be connected as close to the chip as possible. The crystal should be a fundamental
mode, parallel resonant, 30ppm or better (to meet the Ethernet specs). Crystal capacitors should be
connected from pins X1 to ground and X2 to ground. The value of these capacitors is given by the
following equation, where CL is the crystal load capacitance: Crystal caps (pF) = (CL-12) x 2. So for a
crystal with 16pF load capacitance, two 8pF caps should be used. If a clock input is used, drive it into X1
and leave X2 unconnected.


Similar Part No. - ICS650R-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650R-22 ICST-ICS650R-22 Datasheet
135Kb / 5P
   PVR and STB Clock Source
ICS650R-22LF ICST-ICS650R-22LF Datasheet
135Kb / 5P
   PVR and STB Clock Source
ICS650R-22LFT ICST-ICS650R-22LFT Datasheet
135Kb / 5P
   PVR and STB Clock Source
ICS650R-22T ICST-ICS650R-22T Datasheet
135Kb / 5P
   PVR and STB Clock Source
ICS650R-27I ICST-ICS650R-27I Datasheet
156Kb / 6P
   Networking Clock Source
More results

Similar Description - ICS650R-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-01 ICST-ICS650-01 Datasheet
42Kb / 4P
   System Peripheral Clock Source
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
   SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
   SYSTEM PERIPHERAL CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
   System Peripheral Clock Source
logo
Renesas Technology Corp
ICS650-21 RENESAS-ICS650-21 Datasheet
357Kb / 9P
   SYSTEM PERIPHERAL CLOCK SOURCE
REV J 051310
logo
Integrated Circuit Syst...
ICS411 ICST-ICS411 Datasheet
137Kb / 5P
   PC PERIPHERAL CLOCK
ICS409 ICST-ICS409 Datasheet
137Kb / 5P
   PC PERIPHERAL CLOCK
logo
National Semiconductor ...
DP8571A NSC-DP8571A Datasheet
361Kb / 24P
   Timer Clock Peripheral (TCP)
logo
Texas Instruments
DP8570A TI1-DP8570A_11 Datasheet
423Kb / 28P
[Old version datasheet]   DP8570A Timer Clock Peripheral
logo
National Semiconductor ...
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
   Timer Clock Peripheral (TCP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com