Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J420-5L Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # J420-5L
Description  MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

J420-5L Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  J420-5L Datasheet HTML 1Page - Teledyne Technologies Incorporated J420-5L Datasheet HTML 2Page - Teledyne Technologies Incorporated J420-5L Datasheet HTML 3Page - Teledyne Technologies Incorporated J420-5L Datasheet HTML 4Page - Teledyne Technologies Incorporated J420-5L Datasheet HTML 5Page - Teledyne Technologies Incorporated J420-5L Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
420 422 Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
©2003 TELEDYNE RELAYS
www.teledynerelays.com
420 422/1203/Q1
PERFORMANCE CURVES
(NOTE 2)
SERIES 420/422
GENERAL ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted) (Notes 2 & 3)
DETAILED ELECTRICAL SPECIFICATIONS (–65°C to +125°C unless otherwise noted) (Note 3)
Contact Arrangement
2 Form C (DPDT)
Rated Duty
Continuous
Contact Resistance
0.125 ohm max. before life; 0.225 ohm max. after life at 0.5A/28Vdc (measured 1/8" from header)
Contact Load Ratings (DC)
(See Fig. 2 for other DC
resistive voltage/current ratings)
Resistive:
1 Amp/28Vdc
Inductive:
200 mA/28Vdc (320 mH)
Lamp:
100 mA/28Vdc
Low Level:
10 to 50 μA/10 to 50mV
Contact Load Ratings (AC)
Resistive:
250 mA/115Vac, 60 and 400 Hz (Case not grounded)
100 mA/115Vac, 60 and 400 Hz (Case grounded)
Contact Life Ratings
10,000,000 cycles (typical) at low level
1,000,000 cycles (typical) at 0.5A/28Vdc resistive
100,000 cycles min. at all other loads specified above
Contact Overload Rating
2A/28Vdc Resistive (100 cycles min.)
Contact Carry Rating
Contact factory
Coil Operating Power
290 milliwatts typical at nominal rated voltage @ 25°C
Operate Time
420/422, 420D/422D: 1.5 msec max. at nominal rated coil voltage
420DD/422DD: 2.0 msec max. at nominal rated coil voltage
Contact Bounce
2.0 msec max.
Minimum Operate Pulse
4.5 msec width @ rated voltage
Intercontact Capacitance
0.4 pf typical
Insulation Resistance
10,000 megohms min. between mutually isolated terminals
Dielectric Strength
Atmospheric pressure: 500 Vrms/60Hz
70,000 ft.: 125 Vrms/60Hz
Negative Coil Transient (Vdc)
420D/422D, 420DD/422DD
1.0 max
Diode P.I.V. (Vdc)
420D/422D, 420DD/422DD
100 min.
BASE PART
NUMBERS
(See Note 8 for full P/N example)
420/422-5
420D/422D-5
420DD/422DD-5
420/422-6
420D/422D-6
420DD/422DD-6
420/422-9
420D/422D-9
420DD/422DD-9
420/422-12
420D/422D-12
420DD/422DD-12
420/422-18
420D/422D-18
420DD/422DD-18
420/422-26
420D/422D-26
420DD/422DD-26
Coil Voltage (Vdc)
Nom.
5.0
6.0
9.0
12.0
18.0
26.5
Max.
6.0
8.0
12.0
16.0
24.0
32.0
Coil Resistance
(Ohms ±10% @25°C)
420/422,
420D/420D
61
120
280
500
1130
2000
420DD/422DD
(Note 4)
48
97
280
500
1130
2000
Coil Current (mAdc @25°C)
(420DD/422DD Series only)
Min.
75.8
46.9
26.0
20.0
13.7
11.6
Max.
104.2
63.0
33.7
25.5
17.2
14.4
Set & Reset Voltage
(Vdc, Max.)
420/422,
420D/422D
3.5
4.5
6.8
9.0
13.5
18.0
420DD/422DD
4.5
5.5
7.8
10.0
14.5
19.0
0
.1
.2
.3
.4
10
20
30
40
50
60
70
.01
0.5
.1
.5
1.0
FREQUENCY (GHz)
FIGURE 1
TYPICAL RF PERFORMANCE
INSER
TION
LOSS
ISOLA
TION
ACROSS
CONT
ACTS
ISOLA
TION
ACROSS
POLES
1.92
1.22
1.07
1.02
1.01
1.00
1.00
300
250
200
150
100
50
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
LOAD CURRENT (AMPS DC)
FIGURE 2
TYPICAL DC CONTACT RATING (RESISTIVE)
RETURN
LOSS
(VSWR)


Similar Part No. - J420-5L

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J421-6PL TELEDYNE-J421-6PL Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J421D-26M TELEDYNE-J421D-26M Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
J421XM-26PL WILLOW-J421XM-26PL Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Pulse A Technitrol Comp...
J422 PULSE-J422 Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
J422 PULSE-J422 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - J420-5L

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
J422-6PM TELEDYNE-J422-6PM Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
List of Unclassifed Man...
J422D-18PL ETC2-J422D-18PL Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J421-6PL TELEDYNE-J421-6PL Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J422-26WM TELEDYNE-J422-26WM Datasheet
140Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
421 WILLOW-421 Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J421D-26M TELEDYNE-J421D-26M Datasheet
246Kb / 6P
   MAGNETIC-LATCHING ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com