Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC373 Datasheet(PDF) 8 Page - Texas Instruments

Part # 54AC373
Description  54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54AC373 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 54AC373 Datasheet HTML 4Page - Texas Instruments 54AC373 Datasheet HTML 5Page - Texas Instruments 54AC373 Datasheet HTML 6Page - Texas Instruments 54AC373 Datasheet HTML 7Page - Texas Instruments 54AC373 Datasheet HTML 8Page - Texas Instruments 54AC373 Datasheet HTML 9Page - Texas Instruments 54AC373 Datasheet HTML 10Page - Texas Instruments 54AC373 Datasheet HTML 11Page - Texas Instruments 54AC373 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 10)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
5.0
1.5
12.5
ns
D
n to On
t
PHL
Propagation Delay
5.0
1.5
12.5
ns
D
n to On
t
PLH
Propagation Delay
5.0
1.5
12.5
ns
LE to O
n
t
PHL
Propagation Delay
5.0
1.5
11.5
ns
LE to O
n
t
PZH
Output Enable Time
5.0
1.5
11.5
ns
t
PZL
Output Enable Time
5.0
1.5
11.0
ns
t
PHZ
Output Disable Time
5.0
1.5
14.0
ns
t
PLZ
Output Disable Time
5.0
1.5
11.0
ns
Note 10: Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 11)
C
L = 50 pF
Guaranteed
Minimum
t
s
Setup Time, HIGH or LOW
5.0
8.5
ns
D
n to LE
t
h
Hold Time, HIGH or LOW
5.0
1.0
ns
D
n to LE
t
w
LE Pulse Width, HIGH
5.0
8.5
ns
Note 11: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation Capacitance
40.0
pF
V
CC = 5.0V
7
www.national.com


Similar Part No. - 54AC373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373D NSC-54AC373D Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373F NSC-54AC373F Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373L NSC-54AC373L Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 54AC373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com