Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-9720ARG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-9720ARG
Description  3.2Gb/s Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9720ARG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-9720ARG Datasheet HTML 1Page - Optoway Technology Inc SPB-9720ARG Datasheet HTML 2Page - Optoway Technology Inc SPB-9720ARG Datasheet HTML 3Page - Optoway Technology Inc SPB-9720ARG Datasheet HTML 4Page - Optoway Technology Inc SPB-9720ARG Datasheet HTML 5Page - Optoway Technology Inc SPB-9720ARG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-9720RG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2009
V2.0
1
SPB-9720RG / SPB-9720BRG / SPB-9720ARG
(SC BIDI SFP)
(RoHS Compliant)
SPB-9720RLG / SPB-9720BRMLG / SPB-9720ARLG (LC BIDI SFP)
1550 nm TX / 1310 nm RX , 3.3V / 3.2Gb/s Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Multirate up to 3.2 Gb/s
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPB-9720RG
l Simplex LC Connector: SPB-9720RLG
l 1550 nm DFB LD Transmitter
l 1310 nm Receiver
l Distance Up to 20 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPB-9720RG
l -10 to 85oC Operation: SPB-9720BRG
l -40 to 85oC Operation: SPB-9720ARG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l 10GBASE LX-4
l Serial ATA / ATA2
l SONET OC-48 / SDH STM-16
l SONET OC-12 / SDH STM-4
l SONET OC-3 / SDH STM-1
l Gigabit Ethernet / 1X/2X Fibre Channel
DESCRIPTION
The SPB-9720RG series is high performance module for
10GBASE LX-4, Serial ATA/ATA2, SONET OC-48 / SDH
STM-16, Gigabit Ethernet 1000BASE-LX and 1x/2x Fibre
Channel single fiber communications by using 1550 nm
transmitter and 1310 nm receiver. It is with the SFP 20-pin
connector to allow hot plug capability.. The transmitter
section uses a multiple quantum well 1550 nm DFB laser
and is a class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section is designed
to receive 1310 nm signal. The receiver section uses an
integrated 1310 nm detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-9720RG
Multirate*
20
1550DFB
1310
SC SFP
0 to 70
0 to -5
-18
Yes
SPB-9720BRG
Multirate*
20
1550DFB
1310
SC SFP
-10 to 85
0 to -5
-18
Yes
SPB-9720ARG
Multirate*
20
1550DFB
1310
SC SFP
-40 to 85
0 to -5
-18
Yes
SPB-9720RLG
Multirate*
20
1550DFB
1310
LC SFP
0 to 70
0 to -5
-18
Yes
SPB-9720BRLG
Multirate*
20
1550DFB
1310
LC SFP
-10 to 85
0 to -5
-18
Yes
SPB-9720ARLG
Multirate*
20
1550DFB
1310
LC SFP
-40 to 85
0 to -5
-18
Yes
Multirate*: 3.185Gb/s, 3.125Gb/s, 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3


Similar Part No. - SPB-9720ARG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9720ARG OPTOWAY-SPB-9720ARG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 3.2Gb/s Single-Fiber SFP Transceiver
More results

Similar Description - SPB-9720ARG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9605RG OPTOWAY-SPB-9605RG_15 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9605RG_2015 OPTOWAY-SPB-9605RG_2015 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9720RG OPTOWAY-SPB-9720RG_15 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9620RG OPTOWAY-SPB-9620RG_15 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9640RG OPTOWAY-SPB-9640RG_15 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9620RG_2015 OPTOWAY-SPB-9620RG_2015 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9640RG_2015 OPTOWAY-SPB-9640RG_2015 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9640RWG_2015 OPTOWAY-SPB-9640RWG_2015 Datasheet
187Kb / 6P
   3.2Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9605RWG_2015 OPTOWAY-SPB-9605RWG_2015 Datasheet
255Kb / 6P
   3.2Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9640RWG OPTOWAY-SPB-9640RWG_15 Datasheet
187Kb / 6P
   3.2Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com