Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75833E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75833E
Description  1/3 Duty General-Purpose LCD Display Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75833E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75833E Datasheet HTML 1Page - Sanyo Semicon Device LC75833E Datasheet HTML 2Page - Sanyo Semicon Device LC75833E Datasheet HTML 3Page - Sanyo Semicon Device LC75833E Datasheet HTML 4Page - Sanyo Semicon Device LC75833E Datasheet HTML 5Page - Sanyo Semicon Device LC75833E Datasheet HTML 6Page - Sanyo Semicon Device LC75833E Datasheet HTML 7Page - Sanyo Semicon Device LC75833E Datasheet HTML 8Page - Sanyo Semicon Device LC75833E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Note: The LC75833JE does not have the S12, S23, S24, S35 output pins.
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
No. 5580-2/19
LC75833E, 75833W, 75833JE
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VLCD max VLCD
–0.3 to +7.0
V
VIN 1
CE, CL, DI, INH
–0.3 to +7.0
V
Input voltage
VIN 2
OSC
–0.3 to VDD + 0.3
V
VIN 3
VLCD 1, VLCD 2
–0.3 to VLCD + 0.3
V
Output voltage
VOUT 1
OSC
–0.3 to VDD + 0.3
V
VOUT 2
S1 to S35, COM1 to COM3, P1 to P8
–0.3 to VLCD + 0.3
V
IOUT 1
S1 to S35
300
µA
Output current
IOUT 2
COM1 to COM3
3
mA
IOUT 3
P1 to P8
5
mA
Allowable power dissipation
Pd max
Ta = 85°C
150
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
2.7
6.0
V
VLCD
VLCD
2.7
6.0
V
Input voltage
VLCD1
VLCD1
2/3 VLCD
VLCD
V
VLCD2
VLCD2
1/3 VLCD
VLCD
V
Input high-level voltage
VIH
CE, CL, DI, INH
0.8 VDD
6.0
V
Input low-level voltage
VIL
CE, CL, DI, INH
0
0.2 VDD
V
Recommended external resistance
ROSC
OSC
39
k
Recommended external capacitance
COSC
OSC
1000
pF
Guaranteed oscillation range
fOSC
OSC
19
38
76
kHz
Data setup time
tds
CL, DI: Figure 2
160
ns
Data hold time
tdh
CL, DI: Figure 2
160
ns
CE wait time
tcp
CE, CL: Figure 2
160
ns
CE setup time
tcs
CE, CL: Figure 2
160
ns
CE hold time
tch
CE, CL: Figure 2
160
ns
High-level clock pulse width
tøH
CL: Figure 2
160
ns
Low-level clock pulse width
tøL
CL: Figure 2
160
ns
Rise time
tr
CE, CL, DI: Figure 2
160
ns
Fall time
tf
CE, CL, DI: Figure 2
160
ns
INH switching time
tc
INH, CE: Figure 3
10
µs


Similar Part No. - LC75833E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
logo
ON Semiconductor
LC75833E ONSEMI-LC75833E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
LC75833E-E ONSEMI-LC75833E-E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
LC75833EHS-E ONSEMI-LC75833EHS-E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
More results

Similar Description - LC75833E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75838E SANYO-LC75838E Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75834E SANYO-LC75834E Datasheet
344Kb / 18P
   1/4 Duty General-Purpose LCD Drivers
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com