Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75833W Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # 75833W
Description  1/3 Duty General-Purpose LCD Display Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

75833W Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button 75833W Datasheet HTML 7Page - Sanyo Semicon Device 75833W Datasheet HTML 8Page - Sanyo Semicon Device 75833W Datasheet HTML 9Page - Sanyo Semicon Device 75833W Datasheet HTML 10Page - Sanyo Semicon Device 75833W Datasheet HTML 11Page - Sanyo Semicon Device 75833W Datasheet HTML 12Page - Sanyo Semicon Device 75833W Datasheet HTML 13Page - Sanyo Semicon Device 75833W Datasheet HTML 14Page - Sanyo Semicon Device 75833W Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Display Data to Segment Output Pin Correspondence
Note: This applies to the case where the S1/P1 to S8/P8 output pins are set to be segment output ports.
The LC75833JE do not have the S12, S23, S24, S35 output pins.
For example, the table below lists the segment output states for the S11 output pin.
No. 5580-11/19
LC75833E, 75833W, 75833JE
Segment
COM1
COM2
COM3
output pin
S1/P1
D1
D2
D3
S2/P2
D4
D5
D6
S3/P3
D7
D8
D9
S4/P4
D10
D11
D12
S5/P5
D13
D14
D15
S6/P6
D16
D17
D18
S7/P7
D19
D20
D21
S8/P8
D22
D23
D24
S9
D25
D26
D27
S10
D28
D29
D30
S11
D31
D32
D33
S12
D34
D35
D36
S13
D37
D38
D39
S14
D40
D41
D42
S15
D43
D44
D45
S16
D46
D47
D48
S17
D49
D50
D51
S18
D52
D53
D54
Segment
COM1
COM2
COM3
output pin
S19
D55
D56
D57
S20
D58
D59
D60
S21
D61
D62
D63
S22
D64
D65
D66
S23
D67
D68
D69
S24
D70
D71
D72
S25
D73
D74
D75
S26
D76
D77
D78
S27
D79
D80
D81
S28
D82
D83
D84
S29
D85
D86
D87
S30
D88
D89
D90
S31
D91
D92
D93
S32
D94
D95
D96
S33
D97
D98
D99
S34
D100
D101
D102
S35
D103
D104
D105
Display data
Segment output pin (S11) state
D31
D32
D33
0
0
0
The LCD segments corresponding to COM1 to COM3 are off.
0
0
1
The LCD segments corresponding to COM3 is on.
0
1
0
The LCD segments corresponding to COM2 is on.
0
1
1
The LCD segments corresponding to COM2 and COM3 are on.
1
0
0
The LCD segments corresponding to COM1 is on.
1
0
1
The LCD segments corresponding to COM1 and COM3 are on.
1
1
0
The LCD segments corresponding to COM1 and COM2 are on.
1
1
1
The LCD segments corresponding to COM1 to COM3 are on.


Similar Part No. - 75833W

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7583 GILWAY-7583 Datasheet
33Kb / 1P
   T-1 Subminiature Lamps
logo
Molex Electronics Ltd.
75830-4104 MOLEX9-75830-4104 Datasheet
211Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Electrically Enhanced Backplane Connector System
75832-0104 MOLEX9-75832-0104 Datasheet
192Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 2-Pair GbX짰 Backplane Connector SystemOpen Header, 40 Circuits, Pin Length 3.55mm (.139"), Lead Free
75832-2104 MOLEX9-75832-2104 Datasheet
217Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 2-Pair GbX Backplane Connector System, Right Guide Header
75832-2203 MOLEX9-75832-2203 Datasheet
218Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 2-Pair GbX Backplane Connector System, Left Guide Header
More results

Similar Description - 75833W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75838E SANYO-LC75838E Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75834E SANYO-LC75834E Datasheet
344Kb / 18P
   1/4 Duty General-Purpose LCD Drivers
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com