Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8508PD50 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8508PD50
Description  5.0 V, 250 mA LDO with Watchdog and RESET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8508PD50 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8508PD50 Datasheet HTML 5Page - ON Semiconductor NCV8508PD50 Datasheet HTML 6Page - ON Semiconductor NCV8508PD50 Datasheet HTML 7Page - ON Semiconductor NCV8508PD50 Datasheet HTML 8Page - ON Semiconductor NCV8508PD50 Datasheet HTML 9Page - ON Semiconductor NCV8508PD50 Datasheet HTML 10Page - ON Semiconductor NCV8508PD50 Datasheet HTML 11Page - ON Semiconductor NCV8508PD50 Datasheet HTML 12Page - ON Semiconductor NCV8508PD50 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
NCV8508
http://onsemi.com
9
CIRCUIT DESCRIPTION
Functional Description
To reduce the drain on the battery, a system can go into a
low current consumption mode whenever it is not
performing a main routine. The Wakeup signal is generated
continuously and is used to interrupt a microcontroller that
is in sleep mode. The nominal output is a 5.0 volt square
wave (voltage generated from VOUT) with a duty cycle of
50% at a frequency that is determined by a timing resistor,
RDelay.
When the microprocessor receives a rising edge from the
Wakeup output, it must issue a Watchdog pulse and check its
inputs to decide if it should resume normal operations or
remain in the sleep mode.
The first falling edge of the Watchdog signal causes the
Wakeup to go low within 2.0
ms (typ) and remain low until
the next Wakeup cycle (see Figure 17). Other Watchdog
pulses received within the same cycle are ignored (Figure 3).
During power up, RESET is held low until the output
voltage is in regulation. During operation, if the output
voltage shifts below the regulation limits, the RESET
toggles low and remains low until proper output voltage
regulation is restored. After the RESET delay, RESET
returns high.
The Watchdog circuitry continuously monitors the input
Watchdog signal (WDI) from the microprocessor. The
absence of a falling edge on the Watchdog input during one
Wakeup cycle will cause a RESET pulse to occur at the end
of the Wakeup cycle. (see Figure 4).
The Wakeup output is pulled low during a RESET
regardless of the cause of the RESET. After the RESET
returns high, the Wakeup cycle begins again (see Figure 4).
The RESET Delay Time, Wakeup signal frequency and
RESET high to Wakeup delay time are all set by one external
resistor RDelay.
Wakeup Period = (4.17
× 10-7)RDelay
RESET Delay Time = (5.21
× 10-8)RDelay
RESET HIGH to Wakeup Delay Time = (2.08
× 10-7)RDelay
Resistor temperature coefficient and tolerance as well as
the tolerance of the NCV8508 must be taken into account in
order to get the correct system tolerance for each parameter.
Figure 17. Wakeup Response to WDI
Wakeup
WDI
Wakeup
Response
to WDI
Figure 18. Wakeup Response to RESET (Low
Voltage)
Wakeup
Response
to RESET
RESET
Wakeup


Similar Part No. - NCV8508PD50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508 ONSEMI-NCV8508 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV85081BDS50G ONSEMI-NCV85081BDS50G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV85081BDS50R4G ONSEMI-NCV85081BDS50R4G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV85081BPD50R2G ONSEMI-NCV85081BPD50R2G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
More results

Similar Description - NCV8508PD50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
logo
Analog Devices
ADP5043 AD-ADP5043 Datasheet
1Mb / 30P
   Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
Rev. C
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
logo
Texas Instruments
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
ON Semiconductor
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com