Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380950 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 380950
Description  80A Mini AC/DC Clamp Meter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

380950 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  380950_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
380950 ..........80A Mini AC/DC Clamp Meter
Specifications subject to change without notice.
Copyright © 2007-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
2/22/11 - R1
Features:
4000 count LCD display
4A range with 1mA resolution for accurate
low current measurements
Jaw opens to 0.5" (12.7mm)
AC/DC Voltage, Resistance, Frequency,
Capacitance, and Duty Cycle
Diode Test/Continuity Beeper
Data Hold
Complete with test leads, two 1.5V AAA
batteries, and carrying case
Small diameter elongated jaw
Designed for high resolution current measurements in hard to reach locations. This
mini-clamp performs AC and DC low current tests where typical clamps cannot go.
80A Mini AC/DC Clamp Meter
Specifications
Range
Resolution
Accuracy (%rdg+digits)
AC Current
4A, 80A
1mA
±(2.5% + 5d)
DC Current
4A, 80A
1mA
±(2.5% + 4d)
AC Voltage
400mV to 600V
0.1mV
±(2.0% + 4d)
DC Voltage
400mV to 600V
0.1mV
±(1.5% + 3d)
Resistance
400Ω to 40MΩ
0.1Ω
±(1.5% + 2d)
Frequency
5Hz to 10MHz
0.001Hz
±(1.2% + 3d)
Duty Cycle
5 to 99.9%
0.1%
±(1.2% + 3d)
Dimension/Weight
8.3x2.8x1.5" (210x70x37mm)/7oz (200g)
Mini size jaw conveniently reaches into narrow spaces for taking
Current measurements where typical clamp size meters cannot go.


Similar Part No. - 380950_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380950 EXTECH-380950 Datasheet
264Kb / 1P
   80A Mini AC/DC Clamp Meter
More results

Similar Description - 380950_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380950 EXTECH-380950 Datasheet
264Kb / 1P
   80A Mini AC/DC Clamp Meter
380652 EXTECH-380652 Datasheet
237Kb / 1P
   200A AC/DC Mini Clamp Meter
MA120 EXTECH-MA120 Datasheet
174Kb / 5P
   200A AC/DC Mini Clamp-on Meter
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
   Mini DC Clamp Meter
MA220 EXTECH-MA220 Datasheet
227Kb / 9P
   400A AC/DC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
   2000A AC/DC Clamp Meter
380926 EXTECH-380926 Datasheet
213Kb / 1P
   2000A AC/DC Clamp Meter
MA150 EXTECH-MA150 Datasheet
210Kb / 7P
   200A AC Mini Clamp-on Meter
38390 EXTECH-38390 Datasheet
54Kb / 1P
   Autoranging 400A AC Mini Clamp Meter
logo
List of Unclassifed Man...
316 ETC2-316 Datasheet
64Kb / 1P
   Milli-Amp AC/DC Clamp Meter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com