Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83940-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS83940-01
Description  LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83940-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS83940-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS83940-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS83940-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS83940-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS83940-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS83940-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS83940-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS83940-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS83940-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
83940AY-01
www.icst.com/products/hiperclocks.html
REV. A JULY 31, 2001
4
Integrated
Circuit
Systems, Inc.
ICS83940-01
LOW SKEW, 1-TO-18
LVCMOS FANOUT BUFFER
PRELIMINARY
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, VDDI = VDDO = 3.3V±5%, TA = 0° TO 70°
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD+0.5 V
Outputs, VO
-0.5V to VDD+0.5V
Package Thermal Impedance,
θJA 46°C/W (0lfpm)
Storage Temperature, Tstg
-65°C to 150°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the
DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect product reliability.
TABLE 4A. DC CHARACTERISTICS, VDDI = VDDO = 3.3V±5%, TA = 0° TO 70°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
n
I
5
3
1
.
33
.
35
6
4
.
3V
O
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
D
D
It
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
PV
5
6
4
.
3
=
O
D
D
V
=
I
D
D
V0
7A
m
TABLE 4B. LVCMOS DC CHARACTERISTICS, VDDI = VDDO = 3.3V±5%, TA = 0° TO 70°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
K
L
C
_
F
E
R
V
5
6
4
.
3
=
I
D
D
V2
8
.
3V
L
E
S
_
K
L
C
L
I
Ve
g
a
t
l
o
V
w
o
L
t
u
p
n
IK
L
C
_
F
E
RV
5
3
1
.
3
=
I
D
D
V3
.
0
-3
.
1V
L
E
S
_
K
L
CV
5
3
1
.
3
=
I
D
D
V3
.
0
-8
.
0V
H
I
It
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
,
K
L
C
_
F
E
R
L
E
S
_
K
L
C
V
5
6
4
.
3
=
N
I
V
=
I
D
D
V0
5
1A
µ
L
I
It
n
e
r
r
u
C
w
o
L
t
u
p
n
I
,
K
L
C
_
F
E
R
L
E
S
_
K
L
C
V
0
=
N
I
V
,
V
5
6
4
.
3
=
I
D
D
V5
-A
µ
H
O
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
,
V
5
3
1
.
3
=
O
D
D
V
A
m
0
2
-
=
H
O
I
4
.
2V
L
O
Ve
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
,
V
5
3
1
.
3
=
O
D
D
V
A
m
0
2
=
L
O
I
6
.
0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
It
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
0
K
L
CV
5
6
4
.
3
=
N
I
V
=
I
D
D
V0
5
1A
µ
0
K
L
C
nV
5
6
4
.
3
=
N
I
V
=
I
D
D
V5
A
µ
L
I
It
n
e
r
r
u
C
w
o
L
t
u
p
n
I
0
K
L
CV
0
=
N
I
V
,
V
5
6
4
.
3
=
I
D
D
V5
-A
µ
0
K
L
C
nV
0
=
N
I
V
,
V
5
6
4
.
3
=
I
D
D
V0
5
1
-A
µ
P
P
Ve
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
R
M
C
V
;
e
g
a
t
l
o
V
e
d
o
M
n
o
m
m
o
C
t
u
p
n
I
2
,
1
E
T
O
N
5
.
0
+
D
N
G5
8
.
0
-
D
D
VV
.
V
3
.
0
+
D
D
V
s
i
0
K
L
C
n
,
0
K
L
C
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
1
E
T
O
N
.
H
I
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
2
E
T
O
N


Similar Part No. - ICS83940-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
More results

Similar Description - ICS83940-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
ICS83940 ICST-ICS83940 Datasheet
109Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
logo
Integrated Device Techn...
83918 IDT-83918_16 Datasheet
332Kb / 19P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83918 RENESAS-83918 Datasheet
527Kb / 20P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
logo
Integrated Circuit Syst...
ICS83940I-01 ICST-ICS83940I-01 Datasheet
262Kb / 13P
   LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
   Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
83940D RENESAS-83940D Datasheet
428Kb / 17P
   Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
REVISION B 3/25/15
logo
Integrated Circuit Syst...
ICS83940D ICST-ICS83940D Datasheet
296Kb / 15P
   LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
   LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83940-01 IDT-83940-01 Datasheet
190Kb / 15P
   Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com