Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8344BYI-T Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS8344BYI-T
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8344BYI-T Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS8344BYI-T Datasheet HTML 1Page - Integrated Circuit Systems ICS8344BYI-T Datasheet HTML 2Page - Integrated Circuit Systems ICS8344BYI-T Datasheet HTML 3Page - Integrated Circuit Systems ICS8344BYI-T Datasheet HTML 4Page - Integrated Circuit Systems ICS8344BYI-T Datasheet HTML 5Page - Integrated Circuit Systems ICS8344BYI-T Datasheet HTML 6Page - Integrated Circuit Systems ICS8344BYI-T Datasheet HTML 7Page - Integrated Circuit Systems ICS8344BYI-T Datasheet HTML 8Page - Integrated Circuit Systems ICS8344BYI-T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
8344BYI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 9, 2001
2
Integrated
Circuit
Systems, Inc.
ICS8344I
LOW SKEW, 1-TO-24
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
6
,
5
,
2
,
1
2
1
,
1
1
,
8
,
7
9
1
Q
,
8
1
Q
,
7
1
Q
,
6
1
Q
3
2
Q
,
2
2
Q
,
1
2
Q
,
0
2
Q
t
u
p
t
u
O7
.
s
t
u
p
t
u
o
3
2
Q
u
r
h
t
6
1
Q
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
,
8
2
,
9
,
3
5
4
,
9
3
,
4
3
V
O
D
D
r
e
w
o
P.
V
5
.
2
r
o
V
3
.
3
t
c
e
n
n
o
C
.
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
,
8
1
,
4
1
,
0
1
,
4
6
4
,
0
4
,
3
3
,
7
2
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
3
1L
E
S
_
K
L
Ct
u
p
n
In
w
o
d
ll
u
P
.
s
t
u
p
n
i
1
K
L
C
n
,
1
K
L
C
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.
0
K
L
C
n
,
0
K
L
C
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
O
M
C
V
L
/
L
T
T
V
L
9
1
,
5
1V
D
D
r
e
w
o
P.
V
5
.
2
r
o
V
3
.
3
t
c
e
n
n
o
C
.
s
n
i
p
y
l
p
p
u
s
e
v
i
t
i
s
o
P
6
11
K
L
C
nt
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
7
11
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
0
20
K
L
C
nt
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
1
20
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
2
23
E
Ot
u
p
n
Ip
u
ll
u
P
s
t
u
p
t
u
o
f
o
g
n
il
b
a
s
i
d
d
n
a
g
n
il
b
a
n
e
s
l
o
r
t
n
o
C
.
e
l
b
a
n
e
t
u
p
t
u
O
.
3
2
Q
u
r
h
t
6
1
Q
3
22
E
Ot
u
p
n
Ip
u
ll
u
P
s
t
u
p
t
u
o
f
o
g
n
il
b
a
s
i
d
d
n
a
g
n
il
b
a
n
e
s
l
o
r
t
n
o
C
.
e
l
b
a
n
e
t
u
p
t
u
O
.
5
1
Q
u
r
h
t
8
Q
4
21
E
Ot
u
p
n
Ip
u
ll
u
P
s
t
u
p
t
u
o
f
o
g
n
il
b
a
s
i
d
d
n
a
g
n
il
b
a
n
e
s
l
o
r
t
n
o
C
.
e
l
b
a
n
e
t
u
p
t
u
O
.
7
Q
u
r
h
t
0
Q
0
3
,
9
2
,
6
2
,
5
2
6
3
,
5
3
,
2
3
,
1
3
3
Q
,
2
Q
,
1
Q
,
0
Q
7
Q
,
6
Q
,
5
Q
,
4
Q
t
u
p
t
u
O7
.
s
t
u
p
t
u
o
7
Q
u
r
h
t
0
Q
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
2
4
,
1
4
,
8
3
,
7
3
8
4
,
7
4
,
4
4
,
3
4
1
1
Q
,
0
1
Q
,
9
Q
,
8
Q
5
1
Q
,
4
1
Q
,
3
1
Q
,
2
1
Q
t
u
p
t
u
O7
.
s
t
u
p
t
u
o
5
1
Q
u
r
h
t
8
Q
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
t
u
p
n
I
e
c
n
a
t
i
c
a
p
a
C
,
0
K
L
C
n
,
0
K
L
C
1
K
L
C
n
,
1
K
L
C
4F
p
,
L
E
S
_
K
L
C
3
E
O
,
2
E
O
,
1
E
O
4F
p
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
0
2F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
7


Similar Part No. - ICS8344BYI-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344BY ICST-ICS8344BY Datasheet
131Kb / 15P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344BYT ICST-ICS8344BYT Datasheet
131Kb / 15P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
More results

Similar Description - ICS8344BYI-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
logo
Integrated Device Techn...
ICS8344 IDT-ICS8344 Datasheet
141Kb / 18P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
   Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
logo
Integrated Device Techn...
ICS8344-01 IDT-ICS8344-01_07 Datasheet
762Kb / 15P
   Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
ICS8344I-01 IDT-ICS8344I-01 Datasheet
280Kb / 13P
   LOW SKEW, 1-TO-24 DIFFERENTIAL -TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
8344I RENESAS-8344I Datasheet
361Kb / 17P
   Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
   LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
8308I RENESAS-8308I Datasheet
375Kb / 17P
   Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
logo
Integrated Circuit Syst...
ICS83948I ICST-ICS83948I Datasheet
110Kb / 10P
   LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com