Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83940-02 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS83940-02
Description  LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83940-02 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS83940-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS83940-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS83940-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS83940-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS83940-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS83940-02 Datasheet HTML 8Page - Integrated Circuit Systems ICS83940-02 Datasheet HTML 9Page - Integrated Circuit Systems ICS83940-02 Datasheet HTML 10Page - Integrated Circuit Systems ICS83940-02 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
83940AY-02
www.icst.com/products/hiperclocks.html
REV. A AUGUST 6, 2001
8
Integrated
Circuit
Systems, Inc.
ICS83940-02
LOW SKEW, 1-TO-18
LVCMOS FANOUT BUFFER
PRELIMINARY
TABLE 4I. DIFFERENTIAL DC CHARACTERISTICS, VDDI = VDDO = 25V±5%, TA = 0° TO 70°
TABLE 4G. POWER SUPPLY DC CHARACTERISTICS, VDDI = VDDO = 2.5V±5%, TA = 0° TO 70°
TABLE 4H. LVCMOS DC CHARACTERISTICS, VDDI = VDDO = 2.5V±5%, TA = 0° TO 70°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
n
I
5
7
3
.
25
.
25
2
6
.
2V
O
D
D
Ve
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
t
u
p
t
u
O
5
7
3
.
25
.
25
2
6
.
2V
D
D
It
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
PV
5
2
6
.
2
=
O
D
D
V
=
I
D
D
VA
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
K
L
C
_
F
E
R
V
5
2
6
.
2
=
I
D
D
V2
6
9
.
2V
L
E
S
_
K
L
C
L
I
Ve
g
a
t
l
o
V
w
o
L
t
u
p
n
IK
L
C
_
F
E
R
V
5
7
3
.
2
=
I
D
D
V8
.
0V
L
E
S
_
K
L
C
H
I
It
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
,
K
L
C
_
F
E
R
L
E
S
_
K
L
C
V
5
2
6
.
2
=
N
I
V
=
I
D
D
V0
5
1A
µ
L
I
It
n
e
r
r
u
C
w
o
L
t
u
p
n
I
,
K
L
C
_
F
E
R
L
E
S
_
K
L
C
V
0
=
N
I
V
,
V
5
2
6
.
2
=
I
D
D
V5
-A
µ
H
O
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
,
V
5
7
3
.
2
=
O
D
D
V
A
m
2
1
-
=
H
O
I
8
.
1V
L
O
Ve
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
,
V
5
7
3
.
2
=
O
D
D
V
A
m
2
1
=
L
O
I
5
.
0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
I
It
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
0
K
L
CV
5
2
6
.
2
=
N
I
V
=
I
D
D
V0
5
1A
µ
0
K
L
C
nV
5
7
3
.
2
=
N
I
V
=
I
D
D
V5
A
µ
L
I
It
n
e
r
r
u
C
w
o
L
t
u
p
n
I
0
K
L
CV
0
=
N
I
V
,
V
5
2
6
.
2
=
I
D
D
V5
-A
µ
0
K
L
C
nV
0
=
N
I
V
,
V
5
2
6
.
2
=
I
D
D
V0
5
1
-A
µ
P
P
Ve
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
R
M
C
V
;
e
g
a
t
l
o
V
e
d
o
M
n
o
m
m
o
C
t
u
p
n
I
2
,
1
E
T
O
N
5
.
0
+
D
N
G5
8
.
0
-
D
D
VV
.
V
3
.
0
+
D
D
V
s
i
0
K
L
C
n
,
0
K
L
C
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
1
E
T
O
N
.
H
I
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
2
E
T
O
N


Similar Part No. - ICS83940-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940-01 ICST-ICS83940-01 Datasheet
109Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
More results

Similar Description - ICS83940-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940 ICST-ICS83940 Datasheet
109Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
ICS83940-01 ICST-ICS83940-01 Datasheet
109Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
logo
Integrated Device Techn...
83918 IDT-83918_16 Datasheet
332Kb / 19P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83918 RENESAS-83918 Datasheet
527Kb / 20P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
logo
Integrated Circuit Syst...
ICS83940I-01 ICST-ICS83940I-01 Datasheet
262Kb / 13P
   LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
   Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
83940D RENESAS-83940D Datasheet
428Kb / 17P
   Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
REVISION B 3/25/15
logo
Integrated Circuit Syst...
ICS83940D ICST-ICS83940D Datasheet
296Kb / 15P
   LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
   LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83940-01 IDT-83940-01 Datasheet
190Kb / 15P
   Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com