Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8431-11 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS8431-11
Description  255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8431-11 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS8431-11 Datasheet HTML 1Page - Integrated Circuit Systems ICS8431-11 Datasheet HTML 2Page - Integrated Circuit Systems ICS8431-11 Datasheet HTML 3Page - Integrated Circuit Systems ICS8431-11 Datasheet HTML 4Page - Integrated Circuit Systems ICS8431-11 Datasheet HTML 5Page - Integrated Circuit Systems ICS8431-11 Datasheet HTML 6Page - Integrated Circuit Systems ICS8431-11 Datasheet HTML 7Page - Integrated Circuit Systems ICS8431-11 Datasheet HTML 8Page - Integrated Circuit Systems ICS8431-11 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ICS8431CM-11
www.icst.com/products/hiperclocks.html
REV. A JULY 11, 2001
3
Integrated
Circuit
Systems, Inc.
ICS8431-11
255MHZ, LOW JITTER,
LVPECL FREQUENCY SYNTHESIZER
TABLE 3A. SSC CONTROL INPUT FUNCTION TABLE
TABLE 3B. PROGRAMMABLE VCO FREQUENCY FUNCTION TABLE (NOTE 1)
s
t
u
p
n
I
O
/
I
_
T
S
E
T
e
c
r
u
o
S
C
S
S
s
t
u
p
t
u
O
s
e
d
o
M
l
a
n
o
i
t
a
r
e
p
O
1
L
T
C
_
C
S
S0
L
T
C
_
C
S
S
,
T
U
O
F
T
U
O
F
n
O
/
I
_
T
S
E
T
00
l
a
n
r
e
t
n
Id
e
l
b
a
s
i
DL
A
T
X
f
÷ 2
3
L
A
T
X
f
÷ 6
1
÷ M
N
d
n
a
M
,
r
o
t
a
ll
i
c
s
o
,
r
o
t
a
ll
i
c
s
O
;
s
s
a
p
y
b
L
L
P
1
E
T
O
N
.
e
d
o
m
t
s
e
t
s
r
e
d
i
v
i
d
01
L
L
Pd
e
l
b
a
n
E
M
x
L
A
T
X
f
2
3
Z
-
i
Ht
n
e
c
r
e
P
½
=
r
o
t
c
a
F
n
o
i
t
a
l
u
d
o
M
;
C
S
S
t
l
u
a
f
e
D
10
l
a
n
r
e
t
x
Ed
e
l
b
a
s
i
Dk
l
C
t
s
e
Tt
u
p
n
I
,
e
d
o
M
s
s
a
p
y
B
L
L
P
z
H
M
1
(
k
l
C
t
s
e
T
1
E
T
O
N
;
)
z
H
M
0
0
2
11
L
L
Pd
e
l
b
a
s
i
D
M
x
L
A
T
X
f
2
3
Z
-
i
Hn
o
i
t
a
l
u
d
o
M
C
S
S
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
d
n
a
g
u
b
e
d
e
s
u
o
h
n
i
r
o
f
d
e
s
U
:
1
E
T
O
N
y
c
n
e
u
q
e
r
F
O
C
V
)
z
H
M
(
t
n
u
o
C
M
6
5
28
2
14
62
36
18
4
2
1
8
M7
M6
M5
M4
M3
M2
M1
M0
M
0
9
10
9
1
0
1
0
11111
0
1
9
11
9
1
0
1
0
111111
2
9
12
9
1
0
11
000000
3
9
13
9
1
0
11
00000
1
••••••••
••••••••
8
0
58
0
5
1
111111
00
9
0
59
0
5
1
111111
0
1
0
1
50
1
5
1
1111111
0
.
l
a
t
s
y
r
c
z
H
M
6
1
a
s
e
m
u
s
s
A
:
1
E
T
O
N


Similar Part No. - ICS8431-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-21 ICST-ICS8431-21 Datasheet
222Kb / 17P
   350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8431-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
84330CI RENESAS-84330CI Datasheet
557Kb / 21P
   720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
January 13, 2016
logo
Integrated Device Techn...
84330CI IDT-84330CI Datasheet
360Kb / 20P
   720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
logo
Micrel Semiconductor
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430-111 ICST-ICS8430-111 Datasheet
183Kb / 16P
   700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329B RENESAS-84329B Datasheet
616Kb / 19P
   700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
07/29/14
logo
Micrel Semiconductor
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
84330-01 RENESAS-84330-01 Datasheet
503Kb / 20P
   700MHz, Low Jitter, Crystal-To-3.3V LVPECL Frequency Synthesizer
5/26/16
logo
Micrel Semiconductor
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com