Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39980-0302 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39980-0302
Description  5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 2 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39980-0302 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39980-0302 Datasheet HTML 1Page - Molex Electronics Ltd. 39980-0302 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39980-0302
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Beau™ Eurostyle™ Screw Clamp Plug, 2 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39980
Application
N/A
Comments
Gold plating available
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Pluggable
Type
Euro Block
UPC
800753317338
Physical
Circuits (Loaded)
2
Color - Resin
Black
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Resin
Nylon
Net Weight
3.426/g
Number of Rows
1
Orientation
Vertical
PCB Retention
N/A
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
110°C
Termination Interface: Style
Surface Mount
Wire Size AWG
12, 14, 16, 18, 20, 22, 24
Electrical
Current - Maximum per Contact
10A
Voltage - Maximum
300V
Material Info
Old Part Number
980902
Reference - Drawing Numbers
Sales Drawing
SD-39980-010
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39980Series
Mates With
39980-0402


Similar Part No. - 39980-0302

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39980-0303 MOLEX11-39980-0303 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 3 Circuits
39980-0304 MOLEX11-39980-0304 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 4 Circuits
39980-0305 MOLEX11-39980-0305 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 5 Circuits
39980-0306 MOLEX11-39980-0306 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 6 Circuits
39980-0307 MOLEX11-39980-0307 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 7 Circuits
More results

Similar Description - 39980-0302

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0399800302 MOLEX5-0399800302 Datasheet
215Kb / 2P
   5.08mm (.200") Pitch Beau??Eurostyle??Screw Clamp Plug, 2 Circuits
39990-0302 MOLEX11-39990-0302 Datasheet
37Kb / 2P
   5.00mm Pitch Beau Eurostyle Screw Clamp Plug, 2 Circuits
39980-0306 MOLEX11-39980-0306 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 6 Circuits
39980-0309 MOLEX11-39980-0309 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 9 Circuits
39980-0310 MOLEX11-39980-0310 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 10 Circuits
39980-0311 MOLEX11-39980-0311 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 11 Circuits
39980-0318 MOLEX11-39980-0318 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 18 Circuits
39980-0307 MOLEX11-39980-0307 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 7 Circuits
39980-0312 MOLEX11-39980-0312 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 12 Circuits
39980-0304 MOLEX11-39980-0304 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 4 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com