Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8533AG-11T Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS8533AG-11T
Description  LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8533AG-11T Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS8533AG-11T Datasheet HTML 7Page - Integrated Circuit Systems ICS8533AG-11T Datasheet HTML 8Page - Integrated Circuit Systems ICS8533AG-11T Datasheet HTML 9Page - Integrated Circuit Systems ICS8533AG-11T Datasheet HTML 10Page - Integrated Circuit Systems ICS8533AG-11T Datasheet HTML 11Page - Integrated Circuit Systems ICS8533AG-11T Datasheet HTML 12Page - Integrated Circuit Systems ICS8533AG-11T Datasheet HTML 13Page - Integrated Circuit Systems ICS8533AG-11T Datasheet HTML 14Page - Integrated Circuit Systems ICS8533AG-11T Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
8533AG-11
www.icst.com/products/hiperclocks.html
REV. D
JULY 16, 2001
11
Integrated
Circuit
Systems, Inc.
ICS8533-11
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS8533-11.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS8533-11 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)
MAX = VCC_MAX * IEE_MAX = 3.465V * 50mA = 173.3mW
Power (outputs)
MAX = 30.2mW/Loaded Output pair
If all outputs are loaded, the total power is 4 * 30.2mW = 120.8mW
Total Power
_MAX (3.465V, with all outputs switching) = 173.3mW + 120.8mW = 294.1mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = junction-to-ambient thermal resistance
Pd_total = Total device power dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used . Assuming a
moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 66.6°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.294W * 66.6°C/W = 89.58°C. This is well below the limit of 125°C
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
q
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards 114.5°C/W
98.0°C/W
88.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
73.2°C/W
66.6°C/W
63.5°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
Table 7. Thermal Resistance
q
JA for 20-pin TSSOP, Forced Convection


Similar Part No. - ICS8533AG-11T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8533AG-01 ICST-ICS8533AG-01 Datasheet
125Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
ICS8533AG-01T ICST-ICS8533AG-01T Datasheet
125Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - ICS8533AG-11T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8533-11 RENESAS-8533-11 Datasheet
434Kb / 17P
   Low Skew, 1-to-4, Crystal Oscillator/ Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
logo
Integrated Device Techn...
ICS8535I-31 IDT-ICS8535I-31 Datasheet
685Kb / 15P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8533-01 ICST-ICS8533-01 Datasheet
125Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8535I-31 RENESAS-ICS8535I-31 Datasheet
1Mb / 16P
   Low Skew, 1-To-4, Crystal Oscillator/LVCMOS-To-3.3V LVPECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8535-31 ICST-ICS8535-31 Datasheet
186Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535-11 ICST-ICS8535-11 Datasheet
127Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8535-31 RENESAS-ICS8535-31 Datasheet
966Kb / 16P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOSTO- 3.3V LVPECL FANOUT BUFFER
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com