Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-CD62 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3S-CD62
Description  Long Range Metal Body Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-CD62 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3S-CD62 Datasheet HTML 1Page - Omron Electronics LLC E3S-CD62 Datasheet HTML 2Page - Omron Electronics LLC E3S-CD62 Datasheet HTML 3Page - Omron Electronics LLC E3S-CD62 Datasheet HTML 4Page - Omron Electronics LLC E3S-CD62 Datasheet HTML 5Page - Omron Electronics LLC E3S-CD62 Datasheet HTML 6Page - Omron Electronics LLC E3S-CD62 Datasheet HTML 7Page - Omron Electronics LLC E3S-CD62 Datasheet HTML 8Page - Omron Electronics LLC E3S-CD62 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
E3S-C
E3S-C
2
J
REPLACEMENT PARTS
Description
Part number
Mounting bracket for E3S--Cj1j (horizontal)
E39-L102
Mounting bracket for E3S--Cj6j (vertical)
E39-L103
Reflector (supplied with retroreflective sensors)
E39-R1
Specifications
Part number
E3S-CT11
E3S-CT61
E3S-CT16
E3S-CT66
E3S-CR11
E3S-CR61
E3S-CR16
E3S-CR66
E3S-CD11
E3S-CD61
E3S-CD16
E3S-CD66
E3S-CD12
E3S-CD62
E3S-CD17
E3S-CD67
Method of detection
Through-beam
Polarized
retroreflective
Diffuse reflective
Supply voltage
10 to 30 VDC, ¦10%
Current consumption
50 mA max. (emitter and
receiver)
40 mA max.
Sensing distance
White mat paper
0to30m
(0 to 98.43 ft)
0to3m
(0 to 9.84 ft)
0to70cm
(0 to 27.56 in)
0to2m
(0 to 6.56 ft)
With accessories
4-mm slit: 15 m
2-mm slit: 7 m
1-mm slit: 3.5 m
0.5-mm slit: 1.8 m
E39-R2: 0 to 4 m
E39-R3: 0 to 150 cm
E39-R4: 0 to 75 cm
E39-RSA: 5to 35cm
E39-RSB: 5to 60cm
___
Minimum object
size
4-mm slit: 2.6-mm dia.
2-mm slit: 2-mm dia.
1-mm slit: 1-mm dia.
0.5-mm slit: 0.5-mm dia.
E39-R1 Reflector:
13-mm dia.
E39-R3: 8-mm dia.
E39-R4: 4-mm dia.
___
Light source
Pulse modulated infrared
LED (880 nm)
Pulse modulated red
LED (700 nm)
Pulse modulated infrared LED (880 nm)
Standard object
Type
Opaque materials
Opaque materials
Opaque and transparent materials
j
Size
9 mm (3.54 in) min.
30 mm (1.18 in) min. 30 x 30cm (11.81x 11.81in) whitemat
paper
Operation mode
Light-ON/Dark-ON operation, switch selectable
Variation in sensing distance
--
¦
10% max.
Hysteresis
--
20% max. of sensing distance
Variation in optical axis and mounting
direction
¦
2! max.
Sensitivity
Adjustable, 3/4 turn knob
Adjustable, 2-1/2 turn knob with clutch
and indicator
Mutual interference protection
Not provided
Provided
Control output
Type
NPN or PNP (selectable), open collector current output
p
Max. load
100 mA max.
Residual voltage
NPN output: 1.2 V max., PNP output: 2.0 V max.
Response time
OFF
1ms max.
2ms max.
p
ON
1ms max.
2ms max.
Circuit protection
Output short-circuit protection, reversed polarity protection
Vibration
resistance
Destruction
10 to 2 kHz, 1.5-mm double amplitude, or 300 m/s2 (approx. 30G) 0.5 hrs each in X, Y, and
Zaxes
Shock resistance
Destruction
1,000 m/s2 (approx. 100G) 3 times each in X, Y, and Z axes
(This table continues on the next page.)


Similar Part No. - E3S-CD62

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CD62 OMRON-E3S-CD62 Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
E3S-CD62-M1 OMRON-E3S-CD62-M1 Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3S-CD62-M1J OMRON-E3S-CD62-M1J Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
E3S-CD622M OMRON-E3S-CD622M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
More results

Similar Description - E3S-CD62

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CT16 OMRON-E3S-CT16 Datasheet
649Kb / 14P
   Long Range Metal Body Sensor
E3SCT11D5M OMRON-E3SCT11D5M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
logo
Panasonic Semiconductor
PX-2 PANASONIC-PX-2 Datasheet
503Kb / 14P
   Long Range & Wide Area Photoelectric Sensor
logo
Omron Electronics LLC
E3K-R10K4 OMRON-E3K-R10K4 Datasheet
586Kb / 6P
   Long-Range AC/DC Photoelectric Sensor
E3B2-R7M4D-US OMRON-E3B2-R7M4D-US Datasheet
468Kb / 6P
   Plug-in Base, Long Range Sensor
logo
Abracon Corporation
ART915X2117225TX21-IC ABRACON-ART915X2117225TX21-IC Datasheet
411Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
logo
Laird Tech Smart Techno...
BT510 LSTD-BT510 Datasheet
294Kb / 2P
   Bluetooth v5 Long Range IP67 Multi Sensor
logo
Abracon Corporation
ART915X1620TX16-IC ABRACON-ART915X1620TX16-IC Datasheet
407Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
ART915X130930TX13-IC ABRACON-ART915X130930TX13-IC Datasheet
414Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
logo
Omron Electronics LLC
E3S-C OMRON-E3S-C Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com