Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y96E-43SD2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # Y96E-43SD2
Description  Long Range Metal Body Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Y96E-43SD2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  Y96E-43SD2 Datasheet HTML 1Page - Omron Electronics LLC Y96E-43SD2 Datasheet HTML 2Page - Omron Electronics LLC Y96E-43SD2 Datasheet HTML 3Page - Omron Electronics LLC Y96E-43SD2 Datasheet HTML 4Page - Omron Electronics LLC Y96E-43SD2 Datasheet HTML 5Page - Omron Electronics LLC Y96E-43SD2 Datasheet HTML 6Page - Omron Electronics LLC Y96E-43SD2 Datasheet HTML 7Page - Omron Electronics LLC Y96E-43SD2 Datasheet HTML 8Page - Omron Electronics LLC Y96E-43SD2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
E3S-C
E3S-C
3
Part number
E3S-CT11
E3S-CT61
E3S-CT16
E3S-CT66
E3S-CR11
E3S-CR61
E3S-CR16
E3S-CR66
E3S-CD11
E3S-CD61
E3S-CD16
E3S-CD66
E3S-CD12
E3S-CD62
E3S-CD17
E3S-CD67
Indicators
Emitter
Power ON (red)
Stability indicator (green), Light Incident (red)
Receiver
Stability indicator (green),
Light Incident (red)
y
(g
), g
(
)
Materials
Lens
Acrylic
Case
Zinc die-cast
Operation panel
Sulfonated polyether
Bracket
Stainless steel
Mounting
Either side surface with two threaded holes. Bracket for horizontal (E39-L102) or vertical
(E39-L103) sensors and hardware included.
Connections
Emitters
2-conductor cable,
2 m (6.56 ft) length or 4
pin, 12 mm connector
3-conductor cable, 2 m (6.56 ft) length (for prewired types)
Receiver
3-conductor cable,
2 m (6.56 ft) length or 4
pin, 12 mm connector
Weight
Horizontal model
110 g (3.88 oz.)
g
Vertical model
115 g (4.06 oz.)
Enclosure ratings
IEC 144
IP67
g
NEMA
1, 4X, 6P, 12, 13
Ambient
Operating
-25!Cto55!C(-13!F to 131!F)
temperature
Storage
-40!Cto70!C(-40!F to 158!F)
J
OUTPUT CIRCUIT DIAGRAMS
Output
configuration
Mode switch Output transistor
Output circuits
NPN
Light-ON
ON when light is
received.
Light
indi-
cator
(Red)
Stability
indicator
(Green)
Load
Photo-
electric
sensor
main
10 to 30 VDC
PNP output
transistor
NPN and PNP
output selector
Load
current
Control output
Brown
Black
(S
Dark-ON
ON when light is
not received.
main
circuit
0V
output selector
NPN output
transistor
Control output
ZD : VZ =39 V
Blue
(See
Note.)
Note: Set the NPN and PNP output selector to NPN.
PNP
Light-ON
ON when light is
received.
Light
indi-
cator
Stability
indicator
Photo-
electric
sensor
10 to 30 VDC
(Red)
(Green)
PNP output
transistor
NPN and PNP
Control output
Brown
Black
Dark-ON
ON when light is
not received.
Load
sensor
main
circuit
0V
(
)
NPN and PNP
output selector
NPN output
transistor
Load
current
Control output
(See
Note.)
Note: Set the NPN and PNP output selector to PNP.
ZD : VZ =39 V
Black
Blue


Similar Part No. - Y96E-43SD2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Y96E-43RD10 OMRON-Y96E-43RD10 Datasheet
118Kb / 3P
   Quick-disconnect AC cordsets allow easy installation and replacement of AC sensors
Y96E-43RD2 OMRON-Y96E-43RD2 Datasheet
118Kb / 3P
   Quick-disconnect AC cordsets allow easy installation and replacement of AC sensors
Y96E-43RD5 OMRON-Y96E-43RD5 Datasheet
118Kb / 3P
   Quick-disconnect AC cordsets allow easy installation and replacement of AC sensors
More results

Similar Description - Y96E-43SD2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CT16 OMRON-E3S-CT16 Datasheet
649Kb / 14P
   Long Range Metal Body Sensor
E3SCT11D5M OMRON-E3SCT11D5M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
logo
Panasonic Semiconductor
PX-2 PANASONIC-PX-2 Datasheet
503Kb / 14P
   Long Range & Wide Area Photoelectric Sensor
logo
Omron Electronics LLC
E3K-R10K4 OMRON-E3K-R10K4 Datasheet
586Kb / 6P
   Long-Range AC/DC Photoelectric Sensor
E3B2-R7M4D-US OMRON-E3B2-R7M4D-US Datasheet
468Kb / 6P
   Plug-in Base, Long Range Sensor
logo
Abracon Corporation
ART915X2117225TX21-IC ABRACON-ART915X2117225TX21-IC Datasheet
411Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
logo
Laird Tech Smart Techno...
BT510 LSTD-BT510 Datasheet
294Kb / 2P
   Bluetooth v5 Long Range IP67 Multi Sensor
logo
Abracon Corporation
ART915X1620TX16-IC ABRACON-ART915X1620TX16-IC Datasheet
407Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
ART915X130930TX13-IC ABRACON-ART915X130930TX13-IC Datasheet
414Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
logo
Omron Electronics LLC
E3S-C OMRON-E3S-C Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com