Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5B08 Datasheet(PDF) 3 Page - Analog Devices

Part # 5B08
Description  5B Series 8 Channel Backplane
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B08 Datasheet(HTML) 3 Page - Analog Devices

  5B08_15 Datasheet HTML 1Page - Analog Devices 5B08_15 Datasheet HTML 2Page - Analog Devices 5B08_15 Datasheet HTML 3Page - Analog Devices 5B08_15 Datasheet HTML 4Page - Analog Devices 5B08_15 Datasheet HTML 5Page - Analog Devices 5B08_15 Datasheet HTML 6Page - Analog Devices 5B08_15 Datasheet HTML 7Page - Analog Devices 5B08_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5B08 / 5B08-MUX
Rev. 0 | Page 3 of 8
5B08 / 5B08-MUX Specifications
(typical @ +25°C and Vs =+5 V dc Power)
Description
Model 5B08
Model 5B08-MUX
Number of Channels
8
8
ISOLATION
Input-to-Output Continuous
Channel-to-Channel Continuous
1500 V rms, Maximum
1500 V rms, Maximum
1500 V rms, Maximum
1500 V rms, Maximum
MECHANICAL DIMENSIONS – with modules
3.5” x 10.0” x 3.2”
(88.9 mm x 240 mm x 81.3 mm)
3.5” x 10.0” x 3.2”
(88.9 mm x 240 mm x 81.3 mm)
WEIGHT
7 oz. (200 g)
7 oz. (200 g)
MOUNTING STANDOFFS
5
5
COLD JUNCTION TEMPERATURE SENSORS
Number provided on backplane
Type
Initial Accuracy @ +25
oC
Accuracy +5
oC to +45oC
8
Model AC1361
+0.25
oC (+0.75oC, maximum)
+0.5
oC (+0.0125oC/oC)
8
Model AC1361
+0.25
oC (+0.75oC, maximum)
+0.5
oC (+0.0125oC/oC)
SYSTEM I/O CONNECTOR
Number
Type
2, 26-pin
Amp 746290-6
1, 26-pin
Amp 746290-6
ADDRESS ENABLE INPUTS
Max Logic “0”
Min Logic “1”
Max Logic “1”
N/A
N/A
N/A
+0.8 V
+2.0 V
+7.0 V
POWER SUPPLY OPTIONS
Voltage; Operating
Voltage; Max Safe Limit – with modules
Current – without modules
Fuse; (F1)
+5 VDC +5%
+6.0 VDC Max.
13mA
4 Amp Littelfuse © Type 252 004
+5 VDC +5%
+6.0 VDC Max.
40mA
4 Amp Litttlefuse © Type 252 004
Environmental
Temperature Range
Rated Performance
Operating
Storage
Relative Humidity, 24 hours
-25°C to +85°C
-40°C to +85°C
-40°C to +85°C
0 to 95% @ +60°C noncondensing
-25°C to +85°C
-40°C to +85°C
-40°C to +85°C
0 to 95% @ +60°C noncondensing


Similar Part No. - 5B08_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B08-MUX AD-5B08-MUX_15 Datasheet
250Kb / 8P
   5B Series 8 Channel Backplane
REV. 0
More results

Similar Description - 5B08_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B08-MUX AD-5B08-MUX_15 Datasheet
250Kb / 8P
   5B Series 8 Channel Backplane
REV. 0
5B01 AD-5B01_15 Datasheet
156Kb / 7P
   5B Series 16 Channel Backplane
REV. 0
5B02 AD-5B02_15 Datasheet
188Kb / 7P
   5B Series 16 Channel Backplane
REV. 0
5B02 AD-5B02 Datasheet
187Kb / 7P
   5B Series 16 Channel Backplane
REV. 0
3B02 AD-3B02 Datasheet
154Kb / 6P
   3B Series 8 Channel Backplane
REV. 0
3B02 AD-3B02_15 Datasheet
155Kb / 6P
   3B Series 8 Channel Backplane
REV. 0
5B04 AD-5B04_15 Datasheet
155Kb / 6P
   5B Series Single / Double Channel Mounting Card
REV. 0
5B03 AD-5B03_15 Datasheet
155Kb / 6P
   5B Series Single / Double Channel Mounting Card
REV. 0
3B03 AD-3B03_15 Datasheet
150Kb / 6P
   3B Series 4 Channel Backplane
REV. 0
3B01 AD-3B01_15 Datasheet
383Kb / 6P
   3B Series 16 Channel Backplane
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com