Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5B36 Datasheet(PDF) 2 Page - Analog Devices

Part # 5B36
Description  Isolated, Potentiometer Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B36 Datasheet(HTML) 2 Page - Analog Devices

  5B36_15 Datasheet HTML 1Page - Analog Devices 5B36_15 Datasheet HTML 2Page - Analog Devices 5B36_15 Datasheet HTML 3Page - Analog Devices 5B36_15 Datasheet HTML 4Page - Analog Devices 5B36_15 Datasheet HTML 5Page - Analog Devices 5B36_15 Datasheet HTML 6Page - Analog Devices 5B36_15 Datasheet HTML 7Page - Analog Devices 5B36_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5B36
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 5B36 is a single-channel signal conditioning module that
amplifies, isolates, filters, buffers a wide variety of three-wire
potentiometers and two-wire rheostats (slidewires). The module
provides an accurately scaled, low-noise low-impedance output
of 0 to +5V.
Accurate and Stable Performance
– The 5B36 supplies
protected potentiometer / slidewire excitation from a pair of
closely matched precision current sources designed to cancel
errors due to lead resistances. A low-drift chopper-stabilized
differential amplifier allows use of a very low excitation current
to minimize error due to potentiometer self-heating. The
amplifiers low input offset drift (+0.004 Ω /oC) and gain drift of
30 ppm/oC assure accuracy over the full operating temperature
range.
True Three-Port Isolation
– The floating, differential input
circuit on the field side eliminates the need for any input
grounding. Signal and power isolation by transformer coupling
uses a proprietary modulation technique for linear, stable and
reliable performance. A demodulator on the computer side of
the signal transformer recovers the original signal, which is then
filtered and buffered to provide a low-noise, low-impedance
output signal. True three-port isolation (Input-Output-Power)
includes common-mode rating of : 1500V rms between input-
output and input-power; 250V rms between power and output
– no return path is required between the power and signal
output commons.
Filtering and Protection
– An optimized five-pole Butterworth
filter (with a 4-Hz bandwidth) provides 116 dB of normal-mode
rejection (noise on signal) at 60 Hz and 108 dB at 50. Output
noise is an exceptionally low 0.3 mV pk-pk in a 100 kHz
bandwidth and 6 mV pk-pk in a 5 MHz bandwidth.
The 5B36 protects the computer side from damage due to field-
side over-voltage faults. The module withstands 240V rms at the
input terminals without damage, thereby shielding the internal
computer-side circuitry from field-side over-voltage conditions.
In addition, the 5B36 is mix-and-match and hot swappable with
all other 5B Series modules, so can be inserted or removed from
any socket in the same backplane without disrupting system
power.
A series output switch eliminates the need for external
multiplexing in many applications. The switch is turned on by
an active-low enable input. If the switch is to be on at all times,
the enable-input should be grounded to power common as it is
on the 5B01 and 5B08 backplanes..
.
.
Figure 2


Similar Part No. - 5B36_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B36-01 AD-5B36-01 Datasheet
690Kb / 8P
   Isolated, Potentiometer Input
REV. 0
5B36-02 AD-5B36-02 Datasheet
690Kb / 8P
   Isolated, Potentiometer Input
REV. 0
5B36-03 AD-5B36-03 Datasheet
690Kb / 8P
   Isolated, Potentiometer Input
REV. 0
5B36-04 AD-5B36-04 Datasheet
690Kb / 8P
   Isolated, Potentiometer Input
REV. 0
More results

Similar Description - 5B36_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B36 AD-5B36 Datasheet
690Kb / 8P
   Isolated, Potentiometer Input
REV. 0
logo
M-System Co.,Ltd.
MP1800-1823 MSYSTEM-MP1800-1823 Datasheet
87Kb / 4P
   POTENTIOMETER INPUT LIMIT ALARM
logo
Central Technologies
CTDD2727DF-S1R5K-5M CT-CTDD2727DF-S1R5K-5M Datasheet
271Kb / 2P
   Wide Input Isolated
CTDD3220DF-S1R5K-3 CT-CTDD3220DF-S1R5K-3 Datasheet
278Kb / 2P
   Wide Input Isolated
logo
Analog Devices
3B45 AD-3B45 Datasheet
359Kb / 8P
   Isolated Frequency Input
REV. 0
3B37 AD-3B37 Datasheet
346Kb / 8P
   Isolated, Thermocouple Input
REV. 0
7B31 AD-7B31 Datasheet
533Kb / 8P
   Isolated Voltage Input
REV. 0
3B45 AD-3B45_15 Datasheet
364Kb / 8P
   Isolated Frequency Input
REV. 0
logo
Central Technologies
CTDD3220DF-D1R5K-6M CT-CTDD3220DF-D1R5K-6M Datasheet
282Kb / 2P
   Wide Input Isolated
CTDD3220DF-S1R5K-6M CT-CTDD3220DF-S1R5K-6M Datasheet
284Kb / 2P
   Wide Input Isolated
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com