Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5B40 Datasheet(PDF) 5 Page - Analog Devices

Part # 5B40
Description  Isolated, Wide Bandwidth Millivolt and Voltage Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B40 Datasheet(HTML) 5 Page - Analog Devices

  5B40_15 Datasheet HTML 1Page - Analog Devices 5B40_15 Datasheet HTML 2Page - Analog Devices 5B40_15 Datasheet HTML 3Page - Analog Devices 5B40_15 Datasheet HTML 4Page - Analog Devices 5B40_15 Datasheet HTML 5Page - Analog Devices 5B40_15 Datasheet HTML 6Page - Analog Devices 5B40_15 Datasheet HTML 7Page - Analog Devices 5B40_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5B40 & 5B41
Rev. 0 | Page 5 of 8
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3 5B40 & 5B41 Input Field Connections
Table 1. Pin Function Descriptions—
Pin No.
Description
2
LO
3
HI
Figure 4 . Model 5B Series Module, with pin-out assignments.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human
body and test equipment and can discharge without detection. Although this product features proprietary ESD
protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.


Similar Part No. - 5B40_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B40-01 AD-5B40-01 Datasheet
695Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B40-02 AD-5B40-02 Datasheet
695Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B40-03 AD-5B40-03 Datasheet
695Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B40-04 AD-5B40-04 Datasheet
695Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B40-05 AD-5B40-05 Datasheet
695Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
More results

Similar Description - 5B40_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B41 AD-5B41_15 Datasheet
696Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B40 AD-5B40 Datasheet
695Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B31 AD-5B31 Datasheet
700Kb / 8P
   Millivolt and Voltage Input
REV. 0
5B38 AD-5B38 Datasheet
699Kb / 8P
   Isolated, Wide-Bandwidth Strain Gage Input
REV. 0
5B38 AD-5B38_15 Datasheet
706Kb / 8P
   Isolated, Wide-Bandwidth Strain Gage Input
REV. 0
logo
MORNSUN Science& Techno...
K7803-1500L MORNSUN-K7803-1500L Datasheet
1Mb / 4P
   Wide input voltage Non-isolated and Regulated Single Output
K7801T-500R3 MORNSUN-K7801T-500R3 Datasheet
785Kb / 5P
   Wide input voltage Non-isolated and Regulated Single Output
K7801T-1000R3 MORNSUN-K7801T-1000R3 Datasheet
774Kb / 5P
   Wide input voltage Non-isolated and Regulated Single Output
K7803M-1000R3 MORNSUN-K7803M-1000R3 Datasheet
768Kb / 5P
   Wide input voltage Non-isolated and Regulated Single Output
K7803-1000R3L MORNSUN-K7803-1000R3L Datasheet
815Kb / 4P
   Wide input voltage Non-Isolated and Regulated Single Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com