Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J309 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # J309
Description  N-Channel RF Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J309 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  J309 Datasheet HTML 1Page - Fairchild Semiconductor J309 Datasheet HTML 2Page - Fairchild Semiconductor J309 Datasheet HTML 3Page - Fairchild Semiconductor J309 Datasheet HTML 4Page - Fairchild Semiconductor J309 Datasheet HTML 5Page - Fairchild Semiconductor J309 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
J309 / J310 / MMBFJ309 / MMBFJ310 Rev. A1
1
December 2010
J309 / J310 / MMBFJ309 / MMBFJ310
N-Channel RF Amplifier
Features
• This device is designed for VHF/UHF amplifier, oscillator and mixer applications.
• As a common gate amplifier, 16 dB at 100 MHz and 12 dB at 450 MHz can be realized.
• Sourced from Process 92.
• Source & Drain are interchangeable.
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle
operations.
Thermal Characteristics T
a = 25°C unless otherwise noted
* Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06".
Symbol
Parameter
Value
Units
VDS
Drain-Source Voltage
25
V
VGS
Gate-Source Voltage
-25
V
IGF
Forward Gate Current
10
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
- 55 to +150
°C
Symbol
Parameter
Max.
Units
J309-J310 *MMBFJ309-310
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
127
°C/W
RθJA
Thermal Resistance, Junction to Ambient
357
556
°C/W
J309
MMBFJ309
SOT-23
Mark MMBFJ309 : 6U
G
D
S
J310
MMBFJ310
MMBFJ310 : 6T
G
S
D
TO-92


Similar Part No. - J309

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
J309 ONSEMI-J309 Datasheet
160Kb / 8P
   JFET VHF/UHF Amplifiers
1997
logo
Vishay Siliconix
J309 VISHAY-J309 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
logo
Fairchild Semiconductor
J309 FAIRCHILD-J309 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
Vishay Siliconix
J309 VISHAY-J309 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
logo
Fairchild Semiconductor
J309 FAIRCHILD-J309 Datasheet
561Kb / 13P
   N-Channel RF Amplifier
More results

Similar Description - J309

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
2N3819 FAIRCHILD-2N3819_02 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
   N-Channel RF Amplifier
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
   N-Channel RF Amplifier
MMBF102 FAIRCHILD-MMBF102 Datasheet
1Mb / 9P
   N-Channel RF Amplifier
J304 FAIRCHILD-J304 Datasheet
27Kb / 3P
   N-Channel RF Amplifier
J309 FAIRCHILD-J309_10 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ305 FAIRCHILD-MMBFJ305_11 Datasheet
126Kb / 3P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
BF244C FAIRCHILD-BF244C Datasheet
78Kb / 6P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
   N-Channel RF Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com