Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSP-21S0AA1 Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # JSP-21S0AA1
Description  SFP Pluggable Transceivers for Ethernet and Fibre Channel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JSP-21S0AA1 Datasheet(HTML) 6 Page - JDS Uniphase Corporation

  JSP-21S0AA1 Datasheet HTML 1Page - JDS Uniphase Corporation JSP-21S0AA1 Datasheet HTML 2Page - JDS Uniphase Corporation JSP-21S0AA1 Datasheet HTML 3Page - JDS Uniphase Corporation JSP-21S0AA1 Datasheet HTML 4Page - JDS Uniphase Corporation JSP-21S0AA1 Datasheet HTML 5Page - JDS Uniphase Corporation JSP-21S0AA1 Datasheet HTML 6Page - JDS Uniphase Corporation JSP-21S0AA1 Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SFP Pluggable Transceivers for
Ethernet and Fibre Channel | 6
SFP Selection Guide
Catalog
Wavelength
Application
Temp °C
Latch Design
DDM
Number
850 nm
1310 nm
1550 nm
GbE
FC
FC
FC
FICON
COM
EXT
IND
Metal Bail
Plastic Pull
1.0625 Gb/s 2.125 Gb/s 4.25 Gb/s
0 to 70
-15 to 85
-40 to 85
Latch
Tab
JSD-12S0AA1
SX
••
JSH-42S4AA1
SX
••
JSM-42S4AA1
SX
••
JSH-21S3AA1
SX
••
JSH-21S3DA1
SX
••
JSM-21S3AA1
SX
••
JSP-21S3AA1
SX
••
JSD-21S0AA1
••
JSM-21S0AA1
••
JSP-21S0AA1
••
JSM-12S0AA1
SX
••
JSP-12S0AA1
SX
••
JSH-21L3AF1
LX10
••
JSH-21L3AH1
LX10
••
JSH-21L3DH1
LX10
••
JSM-21L0AA1
••
JSP-21L0AA1
••
JSH-12L0AA1
LX
••
JSH-12L0DA1
LX
••
JSM-12L0AA1
LX
••
JSP-12L0AA1
LX
••
JSH-12Z0AA1
ZX
••


Similar Part No. - JSP-21S0AA1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JSPHS-1000 MINI-JSPHS-1000 Datasheet
73Kb / 1P
   180짰Voltage Variable, 700 to 1000 MHz
JSPHS-12 MINI-JSPHS-12 Datasheet
72Kb / 1P
   Phase Shifter
JSPHS-150 MINI-JSPHS-150 Datasheet
185Kb / 1P
   Narrow Band Phase Shifter 50ohm 180 Voltage Variable 100 to 150 MHz
JSPHS-150 MINI-JSPHS-150 Datasheet
165Kb / 1P
   Phase Shifter
JSPHS-150++ MINI-JSPHS-150+ Datasheet
165Kb / 1P
   Phase Shifter
More results

Similar Description - JSP-21S0AA1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
logo
Broadcom Corporation.
AFCT-5701XXZ BOARDCOM-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers with Optional DMI for Gigabit Ethernet and Fibre Channel
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
   SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Infineon Technologies A...
V23806-S84-Z3 INFINEON-V23806-S84-Z3 Datasheet
88Kb / 5P
   Testboard for ATM, ESCON, Fibre Channel and Gigabit Ethernet 1x9 Transceivers
NOVEMBER 1999
logo
OPLINK Communications I...
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-E2G OPLINK-TRPEG1-E2G Datasheet
348Kb / 5P
   Fibre Channel SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com