Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6B11HV Datasheet(PDF) 4 Page - Analog Devices

Part # 6B11HV
Description  Isolated, Field Configurable Analog Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

6B11HV Datasheet(HTML) 4 Page - Analog Devices

  6B11HV_15 Datasheet HTML 1Page - Analog Devices 6B11HV_15 Datasheet HTML 2Page - Analog Devices 6B11HV_15 Datasheet HTML 3Page - Analog Devices 6B11HV_15 Datasheet HTML 4Page - Analog Devices 6B11HV_15 Datasheet HTML 5Page - Analog Devices 6B11HV_15 Datasheet HTML 6Page - Analog Devices 6B11HV_15 Datasheet HTML 7Page - Analog Devices 6B11HV_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6B11 / 6B11HV
Rev. 0 | Page 4 of 8
Input Resistance
100 M
Bandwidth, -3 dB
4 Hz
Conversion Rate
9 samples /second
Synchronized Sampling Command
Yes
Conversion Time
70 ms maximum
Common-Mode Voltage (CMV)
Input-to-Output and Power
Model 6B11
1500 V rms, continuous
Model 6B11HV
2500 V rms, continuous
Common-Mode Rejection (CMR)
1 k
Ω Source Imbalance @ 50/60 Hz
160 dB
Normal Mode Rejection (NMR)
1 k
Ω Source Imbalance @ 50/60 Hz
58 dB
Input Protection
240 V rms, continuous
Input Transient Protection
ANSI/IEEE C37.90.1-1989
Power Supply
Voltage, Operating
+5 V dc ±5%
Voltage, maximum safe limit
+6.5 V dc
Current
+100 mA
Mechanical Dimensions
2.3" x 3.1" x 0.79"
(58.4 mm x 78.7 mm x 19.1 mm)
Environmental
Temperature Range
Rated Performance
-25°C to +85°C
Operating
-25°C to +85°C
Storage
-40°C to +85°C
Relative Humidity
0 to 95% @ +60°C non-condensing
1 When used with the CJC temperature sensor, model AC1361, provided on each channel of 6B Series backplanes.
Specifications subject to change without notice.


Similar Part No. - 6B11HV_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
6B11HV AD-6B11HV Datasheet
416Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
More results

Similar Description - 6B11HV_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
6B21 AD-6B21 Datasheet
361Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B13 AD-6B13_15 Datasheet
374Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B11 AD-6B11_15 Datasheet
421Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B12HV AD-6B12HV_15 Datasheet
372Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B11 AD-6B11 Datasheet
416Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B21 AD-6B21_15 Datasheet
362Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B12 AD-6B12_15 Datasheet
372Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B13HV AD-6B13HV_15 Datasheet
374Kb / 8P
   Isolated, Field Configurable Analog Input
REV. 0
6B50-1 AD-6B50-1 Datasheet
488Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
6B50-1 AD-6B50-1_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com