Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPP20-1212D Datasheet(PDF) 2 Page - Recom International Power

Part # RPP20-1212D
Description  20 Watt 2 1 Single Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP20-1212D Datasheet(HTML) 2 Page - Recom International Power

  RPP20-1212D Datasheet HTML 1Page - Recom International Power RPP20-1212D Datasheet HTML 2Page - Recom International Power RPP20-1212D Datasheet HTML 3Page - Recom International Power RPP20-1212D Datasheet HTML 4Page - Recom International Power RPP20-1212D Datasheet HTML 5Page - Recom International Power RPP20-1212D Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PP-2
www.recom-power.com
REV: 0/2014
Specifications (typical at nominal input and 25°C unless otherwise noted)
Input Voltage Range
12V nominal input
9-18VDC
24V nominal input
18-36VDC
48V nominal input
36-75VDC
Under Voltage Lockout
12V input
DC-DC ON (min.)
8.5VDC
DC-DC OFF (max.)
8VDC
24V input
DC-DC ON (min.)
17.5VDC
DC-DC OFF (max.)
17VDC
48V input
DC-DC ON (min.)
35VDC
DC-DC OFF (max.)
34VDC
Input Voltage Variation dv/dt (Complies with ETS300 132 part 4.4)
5V/ms max
Input Surge Voltage (100 ms max.)
12V, 24V Input
50VDC
48V Input
100VDC
Start Up Time
nominal Vin and constant resistor load
20ms typ., 50ms max.
Remote ON/OFF (4)
Logic High
Open or 3.0V < Vr < 5.5V
Logic Low
Short or 0V < Vr < 1.2V
Remote OFF input current
Nominal input
2mA typ.
Output Power
20W
Output Voltage Accuracy
50% Load and nominal Vin
±1.5%
Voltage Adjustability
Single Output only
±10%
Minimum Load
0%
Line Regulation
low line, high line at full load
±0.3%
Load Regulation
10% to 100% full load
±0.5%
Cross Regulation (10% <>100% Load)
Dual Outputs only
3% typ. / 5% max.
Ripple and Noise (20MHz bandwith limited)
3.3V, 5V
100mVp-p typ.
(measured with 1µF capacitor across outputs)
All others
1% p-p Vout typ.
Temperature Coefficient
±0.04%/°C max.
Transient Response
25% load step change
800µs
Over Load Protection
% of full load at nominal Vin
120% typ.
Short Circuit Protection
Power Limit, automatic recovery
Output Over Voltage Protection (refer to block diagram in Application Notes)
Converter shutdown if Vout > Vout nominal + 20% typ-
Isolation Voltage
Rated at 1600VDC/1 minute, Flash tested at 2000VDC/1 second
Isolation Resistance
10M
Ω min.
Isolation Capacitance (refer to block diagram in Application Notes)
1500pF max.
Operating Frequency
260kHz ± 40kHz
Operating Temperature Range
Ambient, Free Convection
-40°C to see Calculation (Note 7)
Maximum Case Temperature
+115°C
Storage Temperature Range
-55°C to +125°C
Over Temperature Protection (refer to block diagram in Application Notes)
internal thermistor
Thermal Impedance
Ribbed Case: Vertical
7.5°C/Watt
(Natural convection)
Ribbed Case: Horizonzal
11.5°C/Watt
Relative Humidity
5% to 95% RH
Case Material(7)
Aluminium
Potting Material
Silicone (UL94-V0)
continued on next page
POWERLINE+
DC/DC-Converter
RPP20-S_D
Series


Similar Part No. - RPP20-1212D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPP20-2405DW RECOM-RPP20-2405DW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-2405SW RECOM-RPP20-2405SW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-2412DW RECOM-RPP20-2412DW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-2412SW RECOM-RPP20-2412SW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RPP20-2415DW RECOM-RPP20-2415DW Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
More results

Similar Description - RPP20-1212D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
   20 Watt 1??x 2??Single Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
   20 Watt 2” x 1” Single Output
REV.: 0/2022
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com