Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6T22CAY Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM6T22CAY
Description  Automotive 600 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T22CAY Datasheet(HTML) 3 Page - STMicroelectronics

  SM6T22CAY Datasheet HTML 1Page - STMicroelectronics SM6T22CAY Datasheet HTML 2Page - STMicroelectronics SM6T22CAY Datasheet HTML 3Page - STMicroelectronics SM6T22CAY Datasheet HTML 4Page - STMicroelectronics SM6T22CAY Datasheet HTML 5Page - STMicroelectronics SM6T22CAY Datasheet HTML 6Page - STMicroelectronics SM6T22CAY Datasheet HTML 7Page - STMicroelectronics SM6T22CAY Datasheet HTML 8Page - STMicroelectronics SM6T22CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID17741 Rev 5
3/12
SM6TY
Characteristics
12
Table 2. Electrical characteristics, parameter values (Tamb = 25 °C)
Order code
IRM max at
VRM
VBR at IR
(1)
VCL at IPP
10/1000
µs
RD
(2)
10/1000
µs
VCLat IPP
8/20 µs
RD
(2)
8/20
µs
αT
25
85
min. typ.
max.
max.
max.
max.
°C
µA
V
V
mA
V(3)
A(4)
Ω
V(3)
A(4)
Ω
10-4/°C
SM6T6V8AY/CAY
20
50
5.80 6.45 6.80
7.10
10
10.5 57.0
0.059
13.4
298
0.021
5.70
SM6T7V5AY/CAY
20
50
6.40 7.13 7.50
7.90
10
11.3 53.0
0.065
14.5
276
0.024
6.10
SM6T10AY/CAY
20
50
8.55 9.50 10.0
10.5
1
14.5 41.0
0.098
18.6
215
0.038
7.30
SM6T12AY/CAY
0.2
1
10.2 11.4
12.0
12.6
1
16.7 36.0
0.114
21.7
184
0.049
7.80
SM6T15AY/CAY
0.2
1
12.8 14.3 15.0
15.8
1
21.2
28
0.193
27.2
147
0.078
8.40
SM6T16V5AY/CAY
0.2
1
14.1 15.7 16.5
17.3
1
23.1
26
0.254
29
136
0.092
8.60
SM6T18AY/CAY
0.2
1
15.3 17.1 18.0
18.9
1
25.2 24.0
0.263
32.5
123
0.111
8.80
SM6T22AY/CAY
0.2
1
18.8 20.9 22.0
23.1
1
30.6 20.0
0.375
39.3
102
0.159
9.20
SM6T24AY/CAY
0.2
1
20.5 22.8 24.0
25.2
1
33.2 18.0
0.444
42.8
93.0
0.189
9.40
SM6T27AY/CAY
0.2
1
23.1 25.7 27.0
28.4
1
37.5 16.0
0.569
48.3
83.0
0.240
9.60
SM6T30AY/CAY
0.2
1
25.6 28.5 30.0
31.5
1
41.5 14.5
0.69
53.5
75.0
0.293
9.70
SM6T33AY/CAY
0.2
1
28.2 31.4 33.0
34.7
1
45.7 13.1
0.84
59.0
68.0
0.357
9.80
SM6T36AY/CAY
0.2
1
30.8 34.2 36.0
37.8
1
49.9 12.0
1.01
64.3
62.0
0.427
9.90
SM6T39AY/CAY
0.2
1
33.3 37.1 39.0
41.0
1
53.9 11.1
1.16
69.7
57.0
0.504
10.0
SM6T42AY/CAY
0.2
1
36.0 40.0 42.1
44.2
1
58.1 10.3
1.35
76.0
52.0
0.611
10.0
SM6T47AY/CAY
0.2
1
40.0 44.4 46.7
49.0
1
64.5
9.7
1.59
84.0
48.0
0.728
10.1
SM6T56AY/CAY
0.2
1
47.6 53.2 56.0
58.8
1
76.6
7.8
2.28
100
40.0
1.03
10.0
SM6T68AY/CAY
0.2
1
58.1 64.6 68.0
71.4
1
92
6.5
3.17
121
33.0
1.50
10.4
SM6T75AY/CAY
0.2
1
64.1 71.3 75.0
78.8
1
103
5.8
4.17
134
30.0
1.84
10.5
SM6T82AY/CAY
0.2
1
70.0 77.8 81.9
86.0
1
113
5.5
4.91
146
27.0
2.22
10.5
1.
Pulse test: tp < 50 ms
2.
To calculate maximum clamping voltage at another surge level, use the following formula:
VCLmax = VCL - RD x (IPP - IPPappli) where IPPappli is the surge current in the application.
3.
To calculate VBR or VCL versus junction temperature, use the following formulas:
VBR @ TJ = VBR @ 25°C x (1 + αT x (TJ - 25))
VCL @ TJ = VCL @ 25°C x (1 + αT x (TJ - 25))
4.
Surge capability given for both directions for unidirectional and bidirectional types.


Similar Part No. - SM6T22CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T22CAY STMICROELECTRONICS-SM6T22CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
More results

Similar Description - SM6T22CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T30CAY STMICROELECTRONICS-SM6T30CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com