Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7B35 Datasheet(PDF) 2 Page - Analog Devices

Part # 7B35
Description  Isolated Process Current Input with Loop Power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B35 Datasheet(HTML) 2 Page - Analog Devices

  7B35_15 Datasheet HTML 1Page - Analog Devices 7B35_15 Datasheet HTML 2Page - Analog Devices 7B35_15 Datasheet HTML 3Page - Analog Devices 7B35_15 Datasheet HTML 4Page - Analog Devices 7B35_15 Datasheet HTML 5Page - Analog Devices 7B35_15 Datasheet HTML 6Page - Analog Devices 7B35_15 Datasheet HTML 7Page - Analog Devices 7B35_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7B35
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 7B35 is a single-channel signal conditioning current input
module that interfaces with two-wire transmitters, providing an
isolated protected precision output of either +1 V to +5 V or +2
V to +10 V. Model 7B35 features an isolated 24 VDC loop power
supply for driving the transmitter. To accurately measure low
level signals in electrically noisy environments, 1500 V rms of
galvanic transformer-based isolation with a common mode
rejection (CMR) of 105 dB @ 50/60 Hz is provided. Rated to
operate with a nominal +24 VDC supply, Model 7B35 is mix-
and-match and hot-swappable with other 7B Series input
modules, so it can be inserted or removed from any socket in
the same backplane without disturbing system power.
The two input pins of Model 7B35 are each fully protected up to
120 V rms. The current input signal is converted to a voltage,
then filtered by a one-pole 100 Hz filter. Amplitude modulation
is used to implement transformer isolation (1500 V rms input-
to-output and power). Isolated front-end circuitry power is
supplied by a DC/DC converter. The isolated transmitter loop
power supply is unregulated and will provide a voltage that is
proportional to the voltage used to power the 7B35 module. The
isolated voltage provided by the 7B35 is between 13 VDC and
34 VDC for loop currents between 4 mA and 20 mA and supply
voltages between 20.4 VDC and 26.4 VDC. The output section
contains a two-pole low-pass filter (-3 dB @ 100 Hz), a buffer
amplifier and power oscillator. The two-pole output filter and
subsequent buffer ensures that a low noise, low impedance
(<1Ω) signal is available at the output to drive loads down to
2kΩ.
Figure 2


Similar Part No. - 7B35_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B35-01-1 AD-7B35-01-1 Datasheet
532Kb / 8P
   Isolated Process Current Input with Loop Power
REV. 0
7B35-01-2 AD-7B35-01-2 Datasheet
532Kb / 8P
   Isolated Process Current Input with Loop Power
REV. 0
More results

Similar Description - 7B35_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B35 AD-7B35 Datasheet
532Kb / 8P
   Isolated Process Current Input with Loop Power
REV. 0
5B42 AD-5B42 Datasheet
693Kb / 8P
   ISOLATED, PROCESS CURRENT INPUT
REV. 0
5B42 AD-5B42_15 Datasheet
693Kb / 8P
   Isolated, Process Current Input
REV. 0
7B32 AD-7B32 Datasheet
534Kb / 8P
   Isolated Process Current Input
REV. 0
3B32 AD-3B32 Datasheet
352Kb / 8P
   Isolated, Process Current Input
REV. 0
7B32 AD-7B32_15 Datasheet
535Kb / 8P
   Isolated Process Current Input
REV. 0
3B32 AD-3B32_15 Datasheet
360Kb / 8P
   Isolated, Process Current Input
REV. 0
7B39 AD-7B39_15 Datasheet
532Kb / 8P
   Isolated, Process Current Output
REV. 0
3B39 AD-3B39 Datasheet
385Kb / 8P
   Isolated Process Current Output
REV. 0
3B39 AD-3B39_15 Datasheet
386Kb / 8P
   Isolated Process Current Output
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com