Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD546 Datasheet(PDF) 8 Page - Analog Devices

Part # AD546
Description  1A Monolithic Electrometer Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD546 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD546_15 Datasheet HTML 4Page - Analog Devices AD546_15 Datasheet HTML 5Page - Analog Devices AD546_15 Datasheet HTML 6Page - Analog Devices AD546_15 Datasheet HTML 7Page - Analog Devices AD546_15 Datasheet HTML 8Page - Analog Devices AD546_15 Datasheet HTML 9Page - Analog Devices AD546_15 Datasheet HTML 10Page - Analog Devices AD546_15 Datasheet HTML 11Page - Analog Devices AD546_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD546
REV. A
–8–
Figure 28. Input Pin to Insulating Standoff
Leakage through the bulk of the circuit board will still occur
with the guarding schemes shown in Figures 27a and 27b. Stan-
dard “G10” type printed circuit board material may not have
high enough volume resistivity to hold leakages at the sub-
picoampere level particularly under high humidity conditions.
One option that eliminates all effects of board resistance
is shown in Figure 28. The AD546’s sensitive input pin (either
Pin 2 when connected as an inverter, or Pin 3 when connected
as a follower) is bent up and soldered directly to a Teflon* insu-
lated standoff. Both the signal input and feedback component
leads must also be insulated from the circuit board by Teflon
standoffs or low-leakage shielded cable.
Contaminants such as solder flux on the board’s surface and on
the amplifier’s package can greatly reduce the insulation resis-
tance between the input pin and those traces with supply or sig-
nal voltages. Both the package and the board must be kept clean
and dry. An effective cleaning procedure is to first swab the sur-
face with high grade isopropyl alcohol, then rinse it with deion-
ized water and, finally, bake it at 80
°C for 1 hour. Note that if
either polystyrene or polypropylene capacitors are used on the
printed circuit board, a baking temperature of 70
°C is safer,
since both of these plastic compounds begin to melt at approxi-
mately +85
°C.
Other guidelines include making the circuit layout as compact
as possible and reducing the length of input lines. Keeping cir-
cuit board components rigid and minimizing vibration will re-
duce triboelectric and piezoelectric effects. All precision high
impedance circuitry requires shielding from electrical noise and
interference. For example, a ground plane should be used under
all high value (i.e., greater than 1 M
Ω) feedback resistors. In
some cases, a shield placed over the resistors, or even the entire
amplifier, may be needed to minimize electrical interference
originating from other circuits. Referring to the equation in Fig-
ure 26, this coupling can take place in either, or both, of two
different forms—coupling via time varying fields:
dV
dT
CP
or by injection of parasitic currents by changes in capacitance
due to mechanical vibration:
dCp
dT
V
Both proper shielding and rigid mechanical mounting of compo-
nents help minimize error currents from both of these sources.
Table I lists various insulators and their properties.
Table I. Insulating Materials and Characteristics
Volume
Minimal
Minimal
Resistance
Resistivity
Triboelectric
Piezoelectric to Water
Material
1
(
–CM)
Effects
Effects
Absorption
Teflon*
10
17–1018
WW
G
Kel-F**
1017–1018
WM
G
Sapphire
10
16–1018
MG
G
Polyethylene
10
14–1018
MG
M
Polystyrene
1012–1018
WM
M
Ceramic
10
12–1014
WM
W
Glass Epoxy
10
10–1017
WM
W
PVC
1010–1015
GM
G
Phenolic
10
5–1012
WG
W
G–Good with Regard to Property.
M–Moderate with Regard to Property.
W–Weak with Regard to Property.
1Electronic Measurements, pp.15-17, Keithley Instruments, Inc., Cleveland,
Ohio, 1977.
*Teflon is a registered trademark of E.I. du Pont Co.
**Kel-F is a registered trademark of 3M Company.
OFFSET NULLING
The AD546’s input offset voltage can be nulled by using balance
Pins 1 and 5, as shown in Figure 29. Nulling the input offset
voltage in this fashion will introduce an added input offset volt-
age drift component of 2.4
µV/°C per millivolt of nulled offset.
Figure 29. Standard Offset Null Circuit
The circuit in Figure 30 can be used when the amplifier is used
as an inverter. This method introduces a small voltage in series
with the amplifier’s positive input terminal. The amplifier’s
OBSOLETE


Similar Part No. - AD546_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD546J AD-AD546J Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
AD546JN AD-AD546JN Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
AD546K AD-AD546K Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
AD546KN AD-AD546KN Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
More results

Similar Description - AD546_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD546 AD-AD546 Datasheet
455Kb / 12P
   1 pA Monolithic Electrometer Operational Amplifier
REV. A
logo
Burr-Brown (TI)
OPA128 BURR-BROWN-OPA128 Datasheet
138Kb / 9P
   Difet Electrometer-Grade OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6510 SANYO-LA6510 Datasheet
68Kb / 4P
   1A Power Operational Amplifier
logo
Motorola, Inc
MC1709 MOTOROLA-MC1709 Datasheet
761Kb / 4P
   MONOLITHIC OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA541 BURR-BROWN-OPA541 Datasheet
104Kb / 8P
   High Power Monolithic OPERATIONAL AMPLIFIER
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA541 TI1-OPA541 Datasheet
459Kb / 22P
[Old version datasheet]   High Power Monolithic Operational Amplifier
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146 Datasheet
142Kb / 11P
   20V, 1A, Rail-to-Rail Operational Amplifier
logo
Motorola, Inc
MC1741 MOTOROLA-MC1741 Datasheet
1Mb / 5P
   OPERATIONAL AMPLIFIER SILICON MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com