Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6402 Datasheet(PDF) 3 Page - Analog Devices

Part # AD6402
Description  IF Transceiver Subsystem
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6402 Datasheet(HTML) 3 Page - Analog Devices

  AD6402_15 Datasheet HTML 1Page - Analog Devices AD6402_15 Datasheet HTML 2Page - Analog Devices AD6402_15 Datasheet HTML 3Page - Analog Devices AD6402_15 Datasheet HTML 4Page - Analog Devices AD6402_15 Datasheet HTML 5Page - Analog Devices AD6402_15 Datasheet HTML 6Page - Analog Devices AD6402_15 Datasheet HTML 7Page - Analog Devices AD6402_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD6402
–3–
REV. 0
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD6402 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
RECOMMENDED OPERATING CONDITIONS
VBAT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1 V–4.5 V
IFVCC1, IFVCC2, PLLVCC . . . . . . . . . . . . . . . . . . . .2.85 V
Operating Temperature Range . . . . . . . . . . . –25
°C to +85°C
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.5 V
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering (60 sec) . . . . . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended rating conditions for extended periods may affect device
reliability.
Thermal Characteristics:
28-lead SSOP package:
θ
JA = 109°C/W.
ORDERING GUIDE
Temperature
Package
Model
Range
Description
AD6402ARS
–25
°C to +85°C
28-Lead SSOP
AD6402ARS-REEL
–25
°C to +85°C
28-Lead SSOP
PIN CONFIGURATION
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
AD6402
TXOUTB
IFIN
IFVCC1
REFSEL
TXOUT
MODOUT
FMMOD2
FMMOD1
IFVCC2
RSSI
IFGND
VCOGND
VCO
VREG
VBAT
CTL3
CTL2
SLREF
PLLVCC
PLLGND
CTL1
CFILT
COFF
REXT
DOUT
REFIN
PLLOUT
DFILP
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1
TXOUTB
Transmit IF VCO Buffer Inverting Output
2
MODOUT
Frequency Modulator Filter Op Amp Output
3
FMMOD2
Frequency Modulator Filter Op Amp Noninverting input
4
FMMOD1
Frequency Modulator Filter Op Amp Inverting input
5
VCOGND
IF VCO Ground
6
VCO
IF VCO Tank Connection
7
VREG
Regulated Supply Output for RF VCO (Supplies Internal IF VCO, Mode Control, Bandgap Reference,
and COFF Buffer)
8
VBAT
Battery Supply Voltage Input to Internal Regulator and COFF Charge Pump
9
CTL3
Mode Control Input 3, CMOS Logical Level
10
CTL2
Mode Control Input 2, CMOS Logical Level
11
CTL1
Mode Control Input 1, CMOS Logical Level
12
CFILT
PLL Demodulator Loop Filter Capacitor
13
COFF
PLL Demodulator Frequency Offset Voltage Track/Hold Capacitor
14
REXT
External Current-Setting Resistor
15
REFIN
Baseband Reference Frequency Input, 100 mV p-p, AC Coupled
16
PLLOUT
PLL Demodulator Output
17
DFILP
Data Filter Voltage-Follower Input
18
DOUT
Data Filter Voltage-Follower Output
19
SLREF
PLL Demodulator Output DC Reference Voltage
20
PLLVCC
PLL Demodulator and Data Filter Supply Input
21
PLLGND
PLL Demodulator and Data Filter Ground
22
IFVCC2
IF Limiter Supply Input 1
23
RSSI
RSSI Output
24
IFGND
IF Stage, Mixer, Band Pass Filter, IF VCO Buffer, Tx Op Amp, Mode Control, and Regulator Ground
25
IFIN
IF Mixer Input, ZO = 150 Z
26
IFVCC1
IF Mixer, Limiter 1, IF Filter, IF VCO Buffer
27
REFSEL
Reference Frequency Select; IF = 1.5
× or 2.5× Reference Frequency, CMOS Logical Level Input
28
TXOUT
Transmit IF VCO Buffer Output
OBSOLETE


Similar Part No. - AD6402_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6402ARS AD-AD6402ARS Datasheet
110Kb / 8P
   IF Transceiver Subsystem
REV. 0
AD6402ARS-REEL AD-AD6402ARS-REEL Datasheet
110Kb / 8P
   IF Transceiver Subsystem
REV. 0
More results

Similar Description - AD6402_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6402 AD-AD6402 Datasheet
110Kb / 8P
   IF Transceiver Subsystem
REV. 0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
   GSM 3 V Transceiver IF Subsystem
REV. 0
AD9870 AD-AD9870 Datasheet
233Kb / 20P
   IF Digitizing Subsystem
REV. 0
AD9874 AD-AD9874_17 Datasheet
710Kb / 41P
   IF Digitizing Subsystem
AD6140 AD-AD6140 Datasheet
109Kb / 8P
   Bandpass IF Subsystem
REV. 0
AD9864 AD-AD9864 Datasheet
1Mb / 44P
   IF Digitizing Subsystem
REV. 0
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
   IF Digitizing Subsystem
REV. A
AD6140 AD-AD6140_15 Datasheet
129Kb / 8P
   Bandpass IF Subsystem
REV. 0
AD9870 AD-AD9870_15 Datasheet
226Kb / 20P
   IF Digitizing Subsystem
REV. 0
AD9864 AD-AD9864_15 Datasheet
944Kb / 44P
   IF Digitizing Subsystem
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com